Electronic Components Datasheet Search
  English  ▼

X  

OPA2832 Datasheet(PDF) 24 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2832
Description  Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2832 Datasheet(HTML) 24 Page - Burr-Brown (TI)

Back Button OPA2832 Datasheet HTML 20Page - Burr-Brown (TI) OPA2832 Datasheet HTML 21Page - Burr-Brown (TI) OPA2832 Datasheet HTML 22Page - Burr-Brown (TI) OPA2832 Datasheet HTML 23Page - Burr-Brown (TI) OPA2832 Datasheet HTML 24Page - Burr-Brown (TI) OPA2832 Datasheet HTML 25Page - Burr-Brown (TI) OPA2832 Datasheet HTML 26Page - Burr-Brown (TI) OPA2832 Datasheet HTML 27Page - Burr-Brown (TI) OPA2832 Datasheet HTML 28Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
www.ti.com
DISTORTION PERFORMANCE
EO
ENI
2
IBN RS
2
4kTRS NG
2
IBI RF
2
4kTRFNG
(1)
E
N
E
NI
2
I
BNRS
2
4kTR
S
I
BIRF
NG
2
4kTR
F
NG
(2)
NOISE PERFORMANCE
DC ACCURACY AND OFFSET CONTROL
4kT
R
G
R
G
R
F
R
S
1/3
OPA3832
I
BI
E
O
I
BN
4kT=1.6E
20J
-
at290 K
°
E
RS
E
NI
4kTR
S
Ö
4kTR
F
Ö
OPA3832
SBOS370 – DECEMBER 2006
The total output spot noise voltage can be computed
as the square root of the sum of all squared output
The OPA3832 provides good distortion performance
noise voltage contributors. Equation 1 shows the
into a 150
Ω load. Relative to alternative solutions, it
general form for the output noise voltage using the
provides exceptional performance into lighter loads
terms shown in Figure 55:
and/or
operating
on
a
single
+3.3V
supply.
Generally, until the fundamental signal reaches very
high frequency or power levels, the 2nd-harmonic will
dominate
the
distortion
with
a
negligible
Dividing
this
expression
by
the
noise
gain
3rd-harmonic component. Focusing then on the
(NG
=
(1
+
RF/RG))
gives
the
equivalent
2nd-harmonic,
increasing
the
load
impedance
input-referred spot noise voltage at the noninverting
improves distortion directly. Remember that the total
input, as shown in Figure 55:
load
includes
the
feedback
network;
in
the
noninverting configuration (see Figure 47) this is the
sum of RF + RG, while in the inverting configuration,
only RF needs to be included in parallel with the
actual load.
Evaluating these two equations for the circuit and
component values shown in Figure 46 gives a total
output spot noise voltage of 18.8nV/
√Hz and a total
High slew rate, unity-gain stable, voltage-feedback
equivalent input spot noise voltage of 9.42nV/
√Hz.
op amps usually achieve their slew rate at the
This total includes the noise added by the resistors.
expense of a higher input noise voltage. The
This total input-referred spot noise voltage is not
9.2nV/
√Hz input voltage noise for the OPA3832,
much higher than the 9.2nV/
√Hz specification for the
however, is much lower than comparable amplifiers.
op amp voltage noise alone.
The
input-referred
voltage
noise
and
the
two
input-referred
current
noise
terms
(2.2pA/
√Hz)
combine to give low output noise under a wide
The
balanced
input
stage
of
a
wideband
variety
of
operating
conditions.
voltage-feedback op amp allows good output dc
Figure 55 shows the op amp noise analysis model
accuracy in a wide variety of applications. The
with all the noise terms included. In this model, all
power-supply current trim for the OPA3832 gives
noise terms are taken to be noise voltage or current
even tighter control than comparable products.
density terms in either nV/
√Hz or pA/√Hz.
Although the high-speed input stage does require
relatively high input bias current (typically 5
µA out of
each input terminal), the close matching between
them may be used to reduce the output dc error
caused by this current. This configuration matches
the dc source resistances appearing at the two
inputs. Evaluating the configuration of Figure 48
(which has matched dc input resistances), using
worst-case +25
°C input offset voltage and current
specifications, gives a worst-case output offset
voltage equal to:
• (NG = noninverting signal gain at dc)
• ±(NG × V
OS(MAX)) + RF × IOS(MAX))
• = ±(2 × 80mV) + (400Ω × 1.5µA)
• = –15.4mV to +16.6mV
Figure 55. Noise Analysis Model
24
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com