Electronic Components Datasheet Search
  English  ▼

X  

PTH08T261WAS Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T261WAS
Description  3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T261WAS Datasheet(HTML) 32 Page - Texas Instruments

Back Button PTH08T261WAS Datasheet HTML 28Page - Texas Instruments PTH08T261WAS Datasheet HTML 29Page - Texas Instruments PTH08T261WAS Datasheet HTML 30Page - Texas Instruments PTH08T261WAS Datasheet HTML 31Page - Texas Instruments PTH08T261WAS Datasheet HTML 32Page - Texas Instruments PTH08T261WAS Datasheet HTML 33Page - Texas Instruments PTH08T261WAS Datasheet HTML 34Page - Texas Instruments PTH08T261WAS Datasheet HTML 35Page - Texas Instruments PTH08T261WAS Datasheet HTML 36Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
PTH08T260WAD
ACTIVE
DIP MOD
ULE
ECL
10
36
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PTH08T260WAS
ACTIVE
DIP MOD
ULE
ECM
10
36
TBD
Call TI
Level-1-235C-UNLIM
PTH08T260WAST
ACTIVE
DIP MOD
ULE
ECM
10
250
TBD
Call TI
Level-1-235C-UNLIM
PTH08T260WAZ
ACTIVE
DIP MOD
ULE
BCM
10
36
Pb-Free
(RoHS)
Call TI
Level-3-260C-168 HR
PTH08T260WAZT
ACTIVE
DIP MOD
ULE
BCM
10
250
Pb-Free
(RoHS)
Call TI
Level-3-260C-168 HR
PTH08T261WAD
ACTIVE
DIP MOD
ULE
ECL
10
36
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PTH08T261WAS
ACTIVE
DIP MOD
ULE
ECM
10
36
TBD
Call TI
Level-1-235C-UNLIM
PTH08T261WAST
ACTIVE
DIP MOD
ULE
ECM
10
250
TBD
Call TI
Level-1-235C-UNLIM
PTH08T261WAZ
ACTIVE
DIP MOD
ULE
BCM
10
36
Pb-Free
(RoHS)
Call TI
Level-3-260C-168 HR
PTH08T261WAZT
ACTIVE
DIP MOD
ULE
BCM
10
250
Pb-Free
(RoHS)
Call TI
Level-3-260C-168 HR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
15-May-2007
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com