Electronic Components Datasheet Search
  English  ▼

X  

PTH08T261WAS Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T261WAS
Description  3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T261WAS Datasheet(HTML) 14 Page - Texas Instruments

Back Button PTH08T261WAS Datasheet HTML 10Page - Texas Instruments PTH08T261WAS Datasheet HTML 11Page - Texas Instruments PTH08T261WAS Datasheet HTML 12Page - Texas Instruments PTH08T261WAS Datasheet HTML 13Page - Texas Instruments PTH08T261WAS Datasheet HTML 14Page - Texas Instruments PTH08T261WAS Datasheet HTML 15Page - Texas Instruments PTH08T261WAS Datasheet HTML 16Page - Texas Instruments PTH08T261WAS Datasheet HTML 17Page - Texas Instruments PTH08T261WAS Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
www.ti.com
Output Capacitor (Required)
Output Capacitor Information
TurboTrans Output Capacitance
Non-TurboTrans Output Capacitance
PTH08T260W, PTH08T261W
SLTS272A – DECEMBER 2006 – REVISED MAY 2007
The PTH08T261W requires a minimum output capacitance of 200
µF of ceramic type.
The PTH08T260W requires a minimum output capacitance of 100
µF ceramic and 100 µF non-ceramic.
Additional non-ceramic, low-ESR capacitance is recommended for improved performance. See the Electrical
Characteristics table for maximum capacitor limits.
The required capacitance above the minimum will be determined by actual transient deviation requirements. See
the TurboTrans Technology application section within this document for specific capacitance selection.
When selecting output capacitors, the main considerations are capacitor type, temperature stability, and ESR.
When using the TurboTrans feature, the capacitance x ESR product should also be considered (see the
following section).
Ceramic output capacitors added for high-frequency bypassing should be located as close as possible to the
load to be effective. Ceramic capacitor values below 10
µF should not be included when calculating the total
output capacitance value.
When the operating temperature is below 0
°C, the ESR of aluminum electrolytic capacitors increases. For these
applications, OS-CON, poly-aluminum, and polymer-tantalum types should be considered.
TurboTrans allows the designer to optimize the output capacitance according to the system transient design
requirement. High quality, ultra-low ESR capacitors are required to maximize TurboTrans effectiveness. When
using TurboTrans, the capacitor's capacitance (in
µF) × ESR (in mΩ) product determines its capacitor type; Type
A, B, or C. These three types are defined as follows:
Type A = (100
≤ capacitance × ESR ≤ 1000) (e.g. ceramic)
Type B = (1000 < capacitance
× ESR ≤ 5000) (e.g. polymer-tantalum)
Type C = (5000 < capacitance
× ESR ≤ 10,000) (e.g. OS-CON)
When using more than one type of output capacitor, select the capacitor type that makes up the majority of your
total output capacitance. When calculating the C
× ESR product, use the maximum ESR value from the
capacitor manufacturer's data sheet.
Working Examples:
A capacitor with a capacitance of 330
µF and an ESR of 5 mΩ, has a C × ESR product of 1650 µF x mΩ (330 ×
5). This is a Type B capacitor. A capacitor with a capacitance of 1000
µF and an ESR of 8 mΩ, has a C × ESR
product of 8000
µF x mΩ (1000 × 8). This is a Type C capacitor.
See the TurboTrans Technology application section within this document for specific capacitance selection.
Table 3 includes a preferred list of capacitors by type and vendor. See the Output Bus / TurboTrans column.
If the TurboTrans feature is not used, minimum ESR and maximum capacitor limits must be followed. System
stability may be effected and increased output capacitance may be required without TurboTrans.
When using the PTH08T260W without the TurboTrans feature, observe the minimum ESR of the entire output
capacitor bank. The minimum ESR limit of the output capacitor bank is 7 m
Ω. A list of preferred low-ESR type
capacitors, are identified in Table 3. Large amounts of capacitance may reduce system stability when not using
the TurboTrans feature.
When using the PTH08T261W without the TurboTrans feature, the maximum amount of capacitance is tbd
µF of
ceramic type. Large amounts of capacitance may reduce system stability.
Using the TurboTrans feature improves system stability, improves transient response, and reduces the
amount of output capacitance required to meet system transient design requirements.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com