Electronic Components Datasheet Search
  English  ▼

X  

PTH08T261WAS Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T261WAS
Description  3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T261WAS Datasheet(HTML) 28 Page - Texas Instruments

Back Button PTH08T261WAS Datasheet HTML 24Page - Texas Instruments PTH08T261WAS Datasheet HTML 25Page - Texas Instruments PTH08T261WAS Datasheet HTML 26Page - Texas Instruments PTH08T261WAS Datasheet HTML 27Page - Texas Instruments PTH08T261WAS Datasheet HTML 28Page - Texas Instruments PTH08T261WAS Datasheet HTML 29Page - Texas Instruments PTH08T261WAS Datasheet HTML 30Page - Texas Instruments PTH08T261WAS Datasheet HTML 31Page - Texas Instruments PTH08T261WAS Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
www.ti.com
V =12V
I
+
TL7712A
V
CC
GND
SENSE
RESIN
REF
CT
RESET
RESET
8
7
2
1
3
5
6
4
R
RST
10kW
U2
U3
+
PTH08T210W
PTH08T261W
V
I
V
I
V
O
V
O
Inhibit/
UVLOProg
Inhibit/
UVLOProg
+Sense
+Sense
–Sense
–Sense
GND
GND
AutoTrack
VoAdj
VoAdj
TurboTrans
R
TT
V
O
1=3.3V
V
O
2=1.8V
C
O
1
C
I
1
R
SET
1
1.21kW
Smart
Sync
C
REF
0.1
F
m
C
T
2.2
F
m
U1
AutoTrack
TurboTrans
R
TT
C
O
2
C
I
2
R
SET
2
4.75kW
t-Time=20ms/div
V 1(1V/div)
O
V 2(1V/div)
O
V
(1V/div)
TRK
t-Time=400
s/div
m
V 1(1V/div)
O
V 2(1V/div)
O
V
(1V/div)
TRK
PTH08T260W, PTH08T261W
SLTS272A – DECEMBER 2006 – REVISED MAY 2007
Figure 24. Sequenced Power Up and Power Down Using Auto-Track
Figure 25. Simultaneous Power Up With Auto-Track
Figure 26. Simultaneous Power Down With Auto-Track
Control
Control
28
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com