Electronic Components Datasheet Search
  English  ▼

X  

TL971 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL971
Description  OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL971 Datasheet(HTML) 4 Page - Texas Instruments

  TL971 Datasheet HTML 1Page - Texas Instruments TL971 Datasheet HTML 2Page - Texas Instruments TL971 Datasheet HTML 3Page - Texas Instruments TL971 Datasheet HTML 4Page - Texas Instruments TL971 Datasheet HTML 5Page - Texas Instruments TL971 Datasheet HTML 6Page - Texas Instruments TL971 Datasheet HTML 7Page - Texas Instruments TL971 Datasheet HTML 8Page - Texas Instruments TL971 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.ti.com
Electrical Characteristics
TL971, TL972, TL974
OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
SLOS467A – OCTOBER 2006 – REVISED OCTOBER 2006
V
CC+ = 2.5 V, VCC– = –2.5 V, full-range TA = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25
°C
1
4
VIO
Input offset voltage
mV
Full range
6
αV
IO
Input offset voltage drift
VICM = 0 V, VO = 0 V
25
°C
5
µV/°C
IIO
Input offset current
VICM = 0 V, VO = 0 V
25
°C
10
150
nA
25
°C
200
750
IIB
Input bias current
VICM = 0 V, VO = 0 V
nA
Full range
1000
VICM
Common-mode input voltage
25
°C
–1.35
1.35
V
CMRR
Common-mode rejection ratio
VICM = ±1.35 V
25
°C
60
85
dB
SVR
Supply-voltage rejection ratio
VCC = ±2 V to ±3 V
25
°C
60
70
dB
AVD
Large-signal voltage gain
RL = 2 kΩ
25
°C
70
80
dB
VOH
High-level output voltage
RL = 2 kΩ
25
°C
2
2.4
V
VOL
Low-level output voltage
RL = 2 kΩ
25
°C
–2.4
–2
V
25
°C
1.3
1.5
Isource
Output source current
mA
VCC = 2.5 V
Full range
1
25
°C
50
80
Isink
Output sink current
mA
VCC = 2.5 V
Full range
25
25
°C
2
2.8
ICC
Supply current (per amplifier)
Unity gain, No load
mA
Full range
3.2
GBWP
Gain bandwidth product
f = 100 kHz, RL = 2 kΩ, CL = 100 pF
25
°C
8.5
12
MHz
25
°C
3.5
5
SR
Slew rate
AV = 1, VIN = ±1 V
V/
µs
Full range
3
Φm
Phase margin at unity gain
RL = 2kΩ, CL =100 pF
25
°C
60
°
Gm
Gain margin
RL = 2kΩ, CL =100 pF
25
°C
10
dB
en
Equivalent input noise voltage
f = 100 kHz
25
°C
4
nV/
√Hz
THD
Total harmonic distortion
f = 1 kHz, Av = –1, RL = 10 kΩ
25
°C
0.003
%
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com