Electronic Components Datasheet Search
  English  ▼

X  

TL971 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL971
Description  OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL971 Datasheet(HTML) 1 Page - Texas Instruments

  TL971 Datasheet HTML 1Page - Texas Instruments TL971 Datasheet HTML 2Page - Texas Instruments TL971 Datasheet HTML 3Page - Texas Instruments TL971 Datasheet HTML 4Page - Texas Instruments TL971 Datasheet HTML 5Page - Texas Instruments TL971 Datasheet HTML 6Page - Texas Instruments TL971 Datasheet HTML 7Page - Texas Instruments TL971 Datasheet HTML 8Page - Texas Instruments TL971 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION/ORDERING
TL971...DBV PACKAGE
(TOP VIEW)
1
2
3
5
4
OUT
V
CC–
IN+
IN–
V
CC+
1
2
3
4
8
7
6
5
NC
OUT
NC
NC
IN–
IN+
TL971...D PACKAGE
(TOP VIEW)
V
CC–
V
CC+
1
2
3
4
8
7
6
5
OUT2
IN2–
IN2+
OUT1
IN1–
IN1+
TL972...D, P, OR PW PACKAGE
(TOP VIEW)
V
CC+
V
CC–
OUT1
8
1
5
6
7
4
3
2
OUT2
IN2+
IN2–
IN1+
IN1–
TL972...DRG PACKAGE
(TOP VIEW)
V
CC+
V
CC–
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT1
IN1–
IN1+
IN2+
IN2–
OUT2
OUT4
IN4–
IN4+
IN3+
IN3–
OUT3
TL974...D, N, OR PW PACKAGE
(TOP VIEW)
V
CC–
V
CC+
NC – No internal connection
TL971, TL972, TL974
OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
SLOS467A – OCTOBER 2006 – REVISED OCTOBER 2006
•
Rail-to-Rail Output Voltage Swing:
±2.4 V at
VCC = ±2.5 V
•
Very Low Noise Level: 4 nV/
√Hz
•
Ultra-Low Distortion: 0.003%
•
High Dynamic Features: 12 MHz, 4 V/
µs
•
Operating Range: 2.7 V to 15 V
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
•
ESD Performance Tested Per JESD 22
– 2000-V Human-Body Model (A114-B)
– 200-V Machine Model (A115-A)
– 1500-V Charged-Device Model (C101)
•
Portable Equipment (CD Players, PDAs)
•
Portable Communications (Cell Phones,
Pagers)
•
Instrumentation and Sensors
•
Professional Audio Circuits
INFORMATION
The TL97x family of operational amplifiers operates
at voltages as low as
±1.35 V and features output
rail-to-rail
signal
swing.
The
TL97x
boast
characteristics that make them particularly well
suited for portable and battery-supplied equipment.
Very low noise and low distortion characteristics
make them ideal for audio preamplification.
The TL971 is housed in the space-saving 5-pin
SOT-23 package, which simplifies board design
because of the ability to be placed anywhere
(outside dimensions are 2.8 mm
× 2.9 mm).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TL971

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL971 TI-TL971 Datasheet
316Kb / 13P
OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI1-TL971 Datasheet
1Mb / 33P
Output Rail-To-Rail Very-Low-Noise Operational Amplifiers
TL971 TI1-TL971 Datasheet
1Mb / 20P
RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI2-TL971 Datasheet
904Kb / 22P
RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
REVISED SEPTEMBER 2012
TL971-Q1 TI1-TL971-Q1 Datasheet
419Kb / 15P
RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
More results

Similar Description - TL971

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS971 STMICROELECTRONICS-TS971 Datasheet
114Kb / 12P
OUTPUT RAIL TO RAIL VERY LOWNOISE OPERATIONAL AMPLIFIERS
Aug-1999
logo
Analog Devices
AD8691 AD-AD8691 Datasheet
477Kb / 12P
Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
3/05-Rev. A to Rev. B
logo
Texas Instruments
TL971 TI-TL971 Datasheet
316Kb / 13P
OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS971 STMICROELECTRONICS-TS971_07 Datasheet
473Kb / 17P
Output rail-to-rail very low noise operational amplifier
20-Dec-2007
logo
Texas Instruments
TL971-Q1 TI1-TL971-Q1 Datasheet
419Kb / 15P
RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL972IPE4 TI-TL972IPE4 Datasheet
1Mb / 25P
OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI-TL971-Q1_15 Datasheet
1Mb / 20P
RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI1-TL971 Datasheet
1Mb / 33P
Output Rail-To-Rail Very-Low-Noise Operational Amplifiers
TL971-Q1 TI1-TL971-Q1_16 Datasheet
1Mb / 20P
RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
Low Noise, Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com