Electronic Components Datasheet Search
  English  ▼

X  

TL971 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL971
Description  OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL971 Datasheet(HTML) 5 Page - Texas Instruments

  TL971 Datasheet HTML 1Page - Texas Instruments TL971 Datasheet HTML 2Page - Texas Instruments TL971 Datasheet HTML 3Page - Texas Instruments TL971 Datasheet HTML 4Page - Texas Instruments TL971 Datasheet HTML 5Page - Texas Instruments TL971 Datasheet HTML 6Page - Texas Instruments TL971 Datasheet HTML 7Page - Texas Instruments TL971 Datasheet HTML 8Page - Texas Instruments TL971 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
-40
-30
-20
-10
0
10
20
30
40
50
60
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
f – Frequency – Hz
-200
-160
-120
-80
-40
0
40
80
120
160
200
VCC = 5 V
RL = 10 k©
CL = 100 pF
M = 64.4°
fO = 17.3 MHz
Φ
1k
10k
100k
1M
10M
100M
k
Ω
-40
-30
-20
-10
0
10
20
30
40
50
60
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
f – Frequency – Hz
-200
-160
-120
-80
-40
0
40
80
120
160
200
VCC = 2.7 V
RL = 10 k©
CL = 100 pF
M = 63.7°
fO = 8.4 MHz
Φ
M
1k
10k
100k
1M
10M
100M
k
Ω
0.0001
0.001
0.01
0.1
1
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
Frequency – Hz
VCC = 5 V
VIN = 1 Vrms
Gain = -1 V/V
RL = 2 k◊
RL = 10 k◊
k
Ω
k
Ω
10
100
1k
10k
100k
0.001
0.01
0.1
1
0
0.25
0.5
0.75
1
1.25
1.5
Output Voltage – Vrms
VCC = 2.7 V
f = 1 kHz
Gain = -1 V/V
RL = 2 k
RL = 10 k
k
Ω
k
Ω
TL971, TL972, TL974
OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
SLOS467A – OCTOBER 2006 – REVISED OCTOBER 2006
GAIN AND PHASE
GAIN AND PHASE
vs
vs
FREQUENCY
FREQUENCY
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
OUTPUT VOLTAGE
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com