Electronic Components Datasheet Search
  English  ▼

X  

ADR1001 Datasheet(PDF) 4 Page - Analog Devices

Part # ADR1001
Description  Oven-Controlled, Buried Zener, Precision Voltage Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR1001 Datasheet(HTML) 4 Page - Analog Devices

  ADR1001 Datasheet HTML 1Page - Analog Devices ADR1001 Datasheet HTML 2Page - Analog Devices ADR1001 Datasheet HTML 3Page - Analog Devices ADR1001 Datasheet HTML 4Page - Analog Devices ADR1001 Datasheet HTML 5Page - Analog Devices ADR1001 Datasheet HTML 6Page - Analog Devices ADR1001 Datasheet HTML 7Page - Analog Devices ADR1001 Datasheet HTML 8Page - Analog Devices ADR1001 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Data Sheet
ADR1001
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 21
HEATER AMPLIFIER ELECTRICAL CHARACTERISTICS
TA = 25°C, unless otherwise noted. All parametrics are extracted within 15 seconds of power-up.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
HEATER SET TEMPERATURE
TJTSET_70C
TSET floating1
67
70
73
°C
HEATER SET TEMPERATURE
LOW
TJTSET_40C
TSET tied to REF6P6_F1
40
°C
HEATER SET TEMPERATURE
HIGH
TJTSET_125C
TSET tied to REF_GND1
128
°C
HEATER CURRENT LIMIT
IHILIM
No external limiter
99
104
110
mA
IHILIM_10Ω
10 Ω external R between HTR_ILIM and HTR_GND, RISET = 470 Ω
56
58
60
mA
THERMAL RESISTANCE
θJA
See the Thermal Resistance section
130
°C/W
1 Refer to the Setting the ADR1001 Operating Temperature section and Table 10 for more information.
5 V OUTPUT AND BUFFER ELECTRICAL CHARACTERISTICS
TA = 25°C, TSET = 70°C; BUF_INP connected to VDOUT; VDIN connected to REF6P6_F, REF6P6_S. All parametrics are extracted within 15
seconds of power-up.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
5 V OUTPUT VOLTAGE1
Noninverting input connected to VDOUT
TSET = 70°C
V5_70C_RISET=102Ω
RISET = 102 Ω; TSET floating
4.9875
5.0
5.0125
V
V5_70C_RISET=470Ω
RISET = 470 Ω; TSET floating
4.970
4.986
4.996
V
TSET = 40°C
V5_40C_RISET=102Ω
RISET = 102 Ω; TSET tied to REF6P6_S
4.995
5.005
5.017
V
V5_40C_RISET=470Ω
RISET = 470 Ω; TSET tied to REF6P6_S
4.977
4.987
4.999
V
TSET = 125°C
V5_125C_RISET=102Ω
RISET = 102 Ω; TSET tied to REF_GND
4.970
4.988
5.006
V
V5_125C_RISET=470Ω
RISET = 470 Ω; TSET tied to REF_GND
4.949
4.970
4.990
V
5 V OUTPUT-VOLTAGE ERROR
V5_ERR
RISET = 102 Ω; TSET floating
±0.25
%
SOLDER HEAT RESISTANCE SHIFT
SHR
80
ppm
OUTPUT-VOLTAGE TEMPERATURE
COEFFICIENT
TCVOUT
Includes heated tempco of 6.6 V reference, voltage
divider, and output buffer
0.2
ppm/°C
LINE REJECTION
ΔV5/ΔVIN
9 V < VIN < 30 V
−3
+0.5
+3
ppm/V
HEATER LINE REJECTION
Positive Heater Line Rejection
ΔV5/ΔVHTR_IN
8 V < VHTR_IN < 30 V
−3
−0.4
+3
ppm/V
Negative Heater Line Rejection
ΔV5/ΔVHTR_GND
−22 V < VHTR_GND < 0 V
−2
−0.7
+2
ppm/V
LOAD REJECTION
ΔV5/ΔIL
Sourcing
0 mA < IOUT < 8 mA
−14
+1
+19
μV/mA
Sinking
−8 mA < IOUT < 0 mA
−14
+4
+18
μV/mA
SHORT-CIRCUIT CURRENT LIMIT
ISC_5
Sourcing to GND
13
14.7
16
mA
Sinking to VIN = 15 V
11
12
13
mA
OFFSET VOLTAGE
VOS
VCM = 5 V
−1
+1
mV
INPUT BIAS CURRENT
IB
VCM = 5 V
2
6
nA
OUTPUT-VOLTAGE NOISE2
Low-Frequency Noise
eNp-p_5V
0.1 Hz to 10.0 Hz
0.7
μV p-p
Spot Noise Density
eN_5V
f = 100 Hz
25
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com