Electronic Components Datasheet Search
  English  ▼

X  

ADR1001 Datasheet(PDF) 13 Page - Analog Devices

Part # ADR1001
Description  Oven-Controlled, Buried Zener, Precision Voltage Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR1001 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADR1001 Datasheet HTML 9Page - Analog Devices ADR1001 Datasheet HTML 10Page - Analog Devices ADR1001 Datasheet HTML 11Page - Analog Devices ADR1001 Datasheet HTML 12Page - Analog Devices ADR1001 Datasheet HTML 13Page - Analog Devices ADR1001 Datasheet HTML 14Page - Analog Devices ADR1001 Datasheet HTML 15Page - Analog Devices ADR1001 Datasheet HTML 16Page - Analog Devices ADR1001 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Data Sheet
ADR1001
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 13 of 21
Figure 27. Power-Up Characteristic, PWRGD Pin Voltage as VIN Rises
Figure 28. Thermal Deregulation at 3 VTSET Points, 5 V Output
Figure 29. Thermal Deregulation at 3 VTSET Points, 6.6 V Output
Figure 30. 6.6 V Output in Thermal Deregulation, TSET Pin Shorted to
REF6P6, 27 Devices
Figure 31. PWRGD Pin Voltage at Thermal Deregulation, 3 TSET Voltages
Figure 32. Temperature Set Accuracy, TSET Pin Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com