Electronic Components Datasheet Search
  English  ▼

X  

ADR1001 Datasheet(PDF) 7 Page - Analog Devices

Part # ADR1001
Description  Oven-Controlled, Buried Zener, Precision Voltage Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR1001 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADR1001 Datasheet HTML 3Page - Analog Devices ADR1001 Datasheet HTML 4Page - Analog Devices ADR1001 Datasheet HTML 5Page - Analog Devices ADR1001 Datasheet HTML 6Page - Analog Devices ADR1001 Datasheet HTML 7Page - Analog Devices ADR1001 Datasheet HTML 8Page - Analog Devices ADR1001 Datasheet HTML 9Page - Analog Devices ADR1001 Datasheet HTML 10Page - Analog Devices ADR1001 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Data Sheet
ADR1001
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 7 of 21
Table 5. Absolute Maximum Ratings
Parameter
Rating
SUPPLY VOLTAGES
HTR_IN to HTR_GND (Substrate)1
8 V to 36 V
VIN to HTR_GND (Substrate)1
36 V
VIN to REF_GND
36 V
REF_GND to BUF_GND
−0.3 V to +0.3 V
PRECISION RESISTOR-DIVIDERS
VDIN to REF_GND
12 V
VDOUT to REF_GND
8 V
VDOUT to VDIN
4 V
TSET
(REF_GND − 0.3 V) to
(REF6P6_F + 0.3 V)
INV2 to INV1
−0.3 V to +8 V
OUTPUT BUFFER2
BUF_INP to BUF_S Maximum Differential
15 V
BUF_INP and BUF_S Maximum Input
Current
5 mA
BUF_F to INV2
−0.3 V to +8 V
PWRGD to REF_GND
36 V
TEMPERATURE
Storage Range
−65°C to +150°C
Operating Range
−40°C to +130°C
Junction Range
−40°C to +130°C
Lead, Soldering (10 sec)
300°C
LATCHUP
100 mA
1 HTR_GND must be the lowest potential on the chip to prevent the forward bias
of the substrate junction.
2 BUF_F cannot go below REF_GND (inverting function). If a negative reference
is desired, see Figure 47.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to PCB design and operating
environment. Close attention to PCB thermal design is required.
Table 6. Thermal Resistance
Package Type
θJA
θJC
Unit
E-20-1
2-Layer JEDEC Board
120
N/A
°C/W
Evaluation Board
140
N/A
°C/W
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD-protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Field induced charged-device model (FICDM) per ANSI/ESDA/JE-
DEC JS-002.
ESD Ratings for the ADR1001
Table 7. ADR1001, 20-Terminal LCC
ESD Model
Withstand Threshold (V)
Class
HBM
±2000
2
FICDM
±1000
C3
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com