Electronic Components Datasheet Search
  English  ▼

X  

MAX40109 Datasheet(PDF) 32 Page - Analog Devices

Part # MAX40109
Description  Precision Signal Conditioning AFE for Pressure Sensor Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX40109 Datasheet(HTML) 32 Page - Analog Devices

Back Button MAX40109 Datasheet HTML 28Page - Analog Devices MAX40109 Datasheet HTML 29Page - Analog Devices MAX40109 Datasheet HTML 30Page - Analog Devices MAX40109 Datasheet HTML 31Page - Analog Devices MAX40109 Datasheet HTML 32Page - Analog Devices MAX40109 Datasheet HTML 33Page - Analog Devices MAX40109 Datasheet HTML 34Page - Analog Devices MAX40109 Datasheet HTML 35Page - Analog Devices MAX40109 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
MAX40109
Precision Signal Conditioning AFE for Pressure
Sensor Applications
www.analog.com
Analog Devices | 32
REGISTER NAME
ADDRESS
(HEX)
NUMBER OF
BITS
POR
STATE
READ/WRITE
DESCRIPTION
CAL_DATA35
23h
16
0000h
R/W
M1 Coefficient [31:16].
CAL_DATA36
24h
16
0000h
R/W
M2 Coefficient [15:0]..
CAL_DATA37
25h
16
0000h
R/W
M2 Coefficient [31:16]
CAL_DATA38
26h
16
0000h
R/W
M3 Coefficient [15:0].
CAL_DATA39
27h
16
0000h
R/W
M3 Coefficient [31:16].
SP_DATA0
28h
16
0000h
R/W
Scratchpad memory for general
purpose and device identification.
SP_DATA1
29h
16
0000h
R/W
Scratchpad memory for general
purpose and device identification.
SP_DATA2
2Ah
16
0000h
R/W
Scratchpad memory for general
purpose and device identification.
SP_DATA3
2Bh
16
0000h
R/W
Scratchpad memory for general
purpose and device identification.
SP_DATA4
2Ch
16
0000h
R/W
Scratchpad memory for general
purpose and device identification.
SP_DATA5
2Dh
16
0000h
R/W
Scratchpad memory for general
purpose and device identification.
SP_DATA6
2Eh
16
0000h
R/W
Scratchpad memory for general
purpose and device identification.
SP_DATA7
2Fh
16
0000h
R/W
Scratchpad memory for general
purpose and device identification.
SP_DATA8
30h
16
0000h
R/W
Scratchpad memory for general
purpose and device identification.
SP_DATA9
31h
16
0000h
R/W
Scratchpad memory for general
purpose and device identification.
SP_DATA10
32h
16
0000h
R/W
Scratchpad memory for general
purpose and device identification.
SP_DATA11
33h
16
0000h
R/W
Scratchpad memory for general
purpose and device identification.
SP_DATA12
34h
16
0000h
R/W
Scratchpad memory for general
purpose and device identification.
SP_DATA13
35h
16
0000h
R/W
Scratchpad memory for general
purpose and device identification.
SP_DATA14
36h
16
0000h
R/W
Scratchpad memory for general
purpose and device identification.
SP_DATA15
37h
16
0000h
R/W
Scratchpad memory for general
purpose and device identification.
DIAG_DATA0
38h
16
FF00h
R/W
[15:8] bits: overpressure +,
[7:0] under pressure +.
DIAG_DATA1
39h
16
FF00h
R/W
[15:8] bits: overpressure -,
[7:0] under pressure -.
DIAG_DATA2
3Ah
16
FF00h
R/W
[15:8] bits: overvoltage temperature,
[7:0] under voltage temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com