Electronic Components Datasheet Search
  English  ▼

X  

MAX40109 Datasheet(PDF) 52 Page - Analog Devices

Part # MAX40109
Description  Precision Signal Conditioning AFE for Pressure Sensor Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX40109 Datasheet(HTML) 52 Page - Analog Devices

Back Button MAX40109 Datasheet HTML 48Page - Analog Devices MAX40109 Datasheet HTML 49Page - Analog Devices MAX40109 Datasheet HTML 50Page - Analog Devices MAX40109 Datasheet HTML 51Page - Analog Devices MAX40109 Datasheet HTML 52Page - Analog Devices MAX40109 Datasheet HTML 53Page - Analog Devices MAX40109 Datasheet HTML 54Page - Analog Devices MAX40109 Datasheet HTML 55Page - Analog Devices MAX40109 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
MAX40109
Precision Signal Conditioning AFE for Pressure
Sensor Applications
www.analog.com
Analog Devices | 52
Use External Resistor for Bridge Current Source
The MAX40109 can drive the sensor bridge with either voltage or current.
When driving with current, the current source is integrated into the device. The temperature coefficient of the current
source is dominated by the temperature drift of the internal resistor, which is 50ppm/°C (typ).
The user may use an external resistor with a lower temperature coefficient, as shown in the following diagram. The
external sense resistor (REXT) is connected to the input pin INT. Its nominal value should be 100kΩ. The internal
resistor (RINT) is 50kΩ nominally. In this case, it will not be possible to connect a thermistor to INT. However, the
temperature measurement from the bridge resistor (through DRV) is still allowed.
DRV
MAX40109
INT
RINT
REXT
CURRENT
MIRROR
EXTERNAL
CURRENT SET
RESISTOR
VREF
BRIDGE
SENSOR
Figure 24. External Resistor for Current Bridge Source
Ratio-metric Voltage Output
To create a 0-5V voltage output that is ratio-metric with the supply voltage, the following step is required:
• Program the MTP memory register Analog Output Stage to select option 0x1.
It is possible to drop VDDHV to a level below the internal LDO output voltage of VDD5V. In this case, the internal LDO is
in drop-out mode. See the Electrical Characteristics table for the drop-out voltage.
Sensor Offset Calibration
This section describes the procedure required to calibrate the sensor offset.
• User activates “pressure_cal_bypass” (configuration register, bit 13) to enter bridge offset calibration mode. Start at
room temp.
• Bypass the pressure PGA gain (see register Sensor Offset Cal Config).
• User measures offset with a default setting of gain = 2V/V.
• If preferred, for more accuracy, the user can adjust gain such that the signal at the input of the ADC is within ½ ADC
full-scale and ADC full-scale.
• User determines the correct offset calibration code based on the table below (to be added).
• Highly recommended: If the user wants to check offset calibration code accuracy without writing to MTP, they can load
trim code into a register “ZERO_PRESSURE_OFFSET<15:0>” and reconnect the internal trim resistor and the offset
calibration current source to measure the residue (set bits 2 and 1 of Sensor Offset Cal Config).
• Adjust trim code to achieve acceptable residue. It is highly recommended to confirm residue with the final trim code.
• User deactivates “pressure_cal_bypass”
• Write trim code into MTP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com