Electronic Components Datasheet Search
  English  ▼

X  

MAX40109 Datasheet(PDF) 21 Page - Analog Devices

Part # MAX40109
Description  Precision Signal Conditioning AFE for Pressure Sensor Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX40109 Datasheet(HTML) 21 Page - Analog Devices

Back Button MAX40109 Datasheet HTML 17Page - Analog Devices MAX40109 Datasheet HTML 18Page - Analog Devices MAX40109 Datasheet HTML 19Page - Analog Devices MAX40109 Datasheet HTML 20Page - Analog Devices MAX40109 Datasheet HTML 21Page - Analog Devices MAX40109 Datasheet HTML 22Page - Analog Devices MAX40109 Datasheet HTML 23Page - Analog Devices MAX40109 Datasheet HTML 24Page - Analog Devices MAX40109 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
MAX40109
Precision Signal Conditioning AFE for Pressure
Sensor Applications
www.analog.com
Analog Devices | 21
Pressure Digital Output cases:
Table 4. Cases for Alert
CASE #
THRESHOLD 1 (PRIMARY)
THRESHOLD 2 (HYSTERESIS)
OUTPUT STATE
1
Rising above threshold
Low to high
Falling below threshold
High to low
2
Rising above threshold
High to low
Falling below threshold
Low to high
3
Falling below threshold
Low to high
Rising above threshold
High to low
4
Falling below threshold
High to low
Rising above threshold
Low to high
Figure 2. ALERT Cases
Temp Current
Current Source for temperature measurement. This current is generated to the INT pin when an external thermistor is
used.
Table 5. Source Current [5:4]
BIT 5
BIT 4
SOURCE CURRENT (µA)
0
0
150
0
1
250
1
0
500
1
1
750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com