Electronic Components Datasheet Search
  English  ▼

X  

LM25010MH Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM25010MH
Description  42V, 1.0A Step-Down Switching Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM25010MH Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM25010MH Datasheet HTML 4Page - National Semiconductor (TI) LM25010MH Datasheet HTML 5Page - National Semiconductor (TI) LM25010MH Datasheet HTML 6Page - National Semiconductor (TI) LM25010MH Datasheet HTML 7Page - National Semiconductor (TI) LM25010MH Datasheet HTML 8Page - National Semiconductor (TI) LM25010MH Datasheet HTML 9Page - National Semiconductor (TI) LM25010MH Datasheet HTML 10Page - National Semiconductor (TI) LM25010MH Datasheet HTML 11Page - National Semiconductor (TI) LM25010MH Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Functional Description
The LM25010 Step-Down Switching Regulator features all
the functions needed to implement a low cost, efficient buck
DC-DC converter capable of supplying in excess of 1A to the
load. This high voltage regulator integrates an N-Channel
buck switch, with an easy to implement constant on-time
controller. It is available in the thermally enhanced LLP-10
and TSSOP-14EP packages. The regulator compares the
feedback voltage to a 2.5V reference to control the buck
switch, and provides a switch on-time which varies inversely
with VIN. This feature results in the operating frequency
remaining relatively constant with load and input voltage
variations. The switching frequency can range from less than
100 kHz to 1.0 MHz. The regulator requires no loop com-
pensation resulting in very fast load transient response. The
valley current limit circuit holds the buck switch off until the
free-wheeling inductor current falls below the current limit
threshold, nominally set at 1.25A.
The LM25010 can be applied in numerous applications to
efficiently step-down higher DC voltages. Features include:
Thermal shutdown, VCC under-voltage lock-out, gate drive
under-voltage lock-out, and maximum duty cycle limit.
Control Circuit Overview
The LM25010 employs a control scheme based on a com-
parator and a one-shot on-timer, with the output voltage
feedback (FB) compared to an internal reference (2.5V). If
the FB voltage is below the reference the buck switch is
turned on for a time period determined by the input voltage
and a programming resistor (R
ON). Following the on-time the
switch remains off for a fixed 260 ns off-time, or until the FB
voltage falls below the reference, whichever is longer. The
buck switch then turns on for another on-time period. Refer-
ring to the Block Diagram, the output voltage is set by R1
and R2. The regulated output voltage is calculated as fol-
lows:
V
OUT = 2.5V x (R1 + R2) / R2
(1)
20172711
FIGURE 1. Startup Sequence
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com