Electronic Components Datasheet Search
  English  ▼

X  

LM25010MH Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM25010MH
Description  42V, 1.0A Step-Down Switching Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM25010MH Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM25010MH Datasheet HTML 1Page - National Semiconductor (TI) LM25010MH Datasheet HTML 2Page - National Semiconductor (TI) LM25010MH Datasheet HTML 3Page - National Semiconductor (TI) LM25010MH Datasheet HTML 4Page - National Semiconductor (TI) LM25010MH Datasheet HTML 5Page - National Semiconductor (TI) LM25010MH Datasheet HTML 6Page - National Semiconductor (TI) LM25010MH Datasheet HTML 7Page - National Semiconductor (TI) LM25010MH Datasheet HTML 8Page - National Semiconductor (TI) LM25010MH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM25010
42V, 1.0A Step-Down Switching Regulator
General Description
The LM25010 features all the functions needed to implement
a low cost, efficient, buck regulator capable of supplying in
excess of 1A load current. This high voltage regulator inte-
grates an N-Channel Buck Switch, and is available in ther-
mally enhanced LLP-10 and TSSOP-14EP packages. The
constant on-time regulation scheme requires no loop com-
pensation resulting in fast load transient response and sim-
plified circuit implementation. The operating frequency re-
mains constant with line and load variations due to the
inverse relationship between the input voltage and the on-
time. The valley current limit detection is set at 1.25A. Addi-
tional features include: VCC under-voltage lock-out, thermal
shutdown, gate drive under-voltage lock-out, and maximum
duty cycle limiter.
Features
n
Wide 6V to 42V Input Voltage Range
n
Valley Current Limiting At 1.25A
n
Programmable Switching Frequency Up To 1 MHz
n
Integrated N-Channel Buck Switch
n
Integrated High Voltage Bias Regulator
n
No Loop Compensation Required
n
Ultra-Fast Transient Response
n
Nearly Constant Operating Frequency With Line and
Load Variations
n
Adjustable Output Voltage
n
2.5V, ±2% Feedback Reference
n
Programmable Soft-Start
n
Thermal shutdown
Typical Applications
n
Non-Isolated Telecommunications Regulator
n
Secondary Side Post Regulator
n
Power SUpply for Automotive Electronics
Package
n
LLP-10 (4 mmx4mm)
n
TSSOP-14EP
n
Both Packages Have Exposed Thermal Pad For
Improved Heat Dissipation
Basic Step-Down Regulator
20172743
February 2006
© 2006 National Semiconductor Corporation
DS201727
www.national.com


Similar Part No. - LM25010MH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25010MH NSC-LM25010MH Datasheet
402Kb / 18P
42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010MH/NOPB TI1-LM25010MH/NOPB Datasheet
1Mb / 31P
42-V, 1-A Step-Down Switching Regulator
LM25010MH/NOPB TI2-LM25010MH/NOPB Datasheet
886Kb / 35P
LM25010, LM25010-Q1 42-V, 1-A Step-Down Switching Regulator
REVISED MAY 2016
LM25010MH/NOPB.A TI2-LM25010MH/NOPB.A Datasheet
886Kb / 35P
LM25010, LM25010-Q1 42-V, 1-A Step-Down Switching Regulator
REVISED MAY 2016
LM25010MH/NOPB.B TI2-LM25010MH/NOPB.B Datasheet
886Kb / 35P
LM25010, LM25010-Q1 42-V, 1-A Step-Down Switching Regulator
REVISED MAY 2016
More results

Similar Description - LM25010MH

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC2575 TELCOM-TC2575 Datasheet
168Kb / 25P
1.0A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
42V, 0.5A Step-Down Switching Regulator
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
42V, 2.5A STEP-DOWN SWITCHING REGULATOR
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
42V, 2.5A Step-Down Switching Regulator
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
42V, 0.5A Step-Down Switching Regulator
LM25010 NSC-LM25010_08 Datasheet
402Kb / 18P
42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
42V, 0.5A Step-Down Switching Regulator
LM25010 TI1-LM25010_14 Datasheet
1Mb / 27P
42V, 1.0A Step-Down Switching Regulator
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
LM25007 42V, 0.5A Step-Down Switching Regulator
LM25010 TI-LM25010_15 Datasheet
1Mb / 28P
LM25010/LM25010Q 42V, 1.0A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com