Electronic Components Datasheet Search
  English  ▼

X  

LM25010MH Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM25010MH
Description  42V, 1.0A Step-Down Switching Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM25010MH Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM25010MH Datasheet HTML 9Page - National Semiconductor (TI) LM25010MH Datasheet HTML 10Page - National Semiconductor (TI) LM25010MH Datasheet HTML 11Page - National Semiconductor (TI) LM25010MH Datasheet HTML 12Page - National Semiconductor (TI) LM25010MH Datasheet HTML 13Page - National Semiconductor (TI) LM25010MH Datasheet HTML 14Page - National Semiconductor (TI) LM25010MH Datasheet HTML 15Page - National Semiconductor (TI) LM25010MH Datasheet HTML 16Page - National Semiconductor (TI) LM25010MH Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Applications Information (Continued)
This necessary ripple voltage is created by the inductor
ripple current acting on C2’s ESR + R3. First, the minimum
ripple current, which occurs at minimum VIN, maximum in-
ductor value, and maximum frequency, is determined.
(13)
The minimum ESR for C2 is then equal to:
If the capacitor used for C2 does not have sufficient ESR, R3
is added in series as shown in the Block Diagram. The value
chosen for C2 is application dependent, and it is recom-
mended that it be no smaller than 3.3 µF. C2 affects the
ripple at V
OUT, and transient response. Experimentation is
usually necessary to determine the optimum value for C2.
C3: The capacitor at the VCC pin provides noise filtering and
stability, prevents false triggering of the V
CC UVLO at the
buck switch on/off transitions, and limits the peak voltage at
V
CC when a high voltage with a short rise time is initially
applied at V
IN. C3 should be no smaller than 0.47 µF, and
should be a good quality, low ESR, ceramic capacitor, physi-
cally close to the IC pins.
C4: The recommended value for C4 is 0.022 µF. A high
quality ceramic capacitor with low ESR is recommended as
C4 supplies the surge current to charge the buck switch gate
at each turn-on. A low ESR also ensures a complete re-
charge during each off-time.
C5: This capacitor suppresses transients and ringing due to
lead inductance at VIN. A low ESR, 0.1 µF ceramic chip
capacitor is recommended, located physically close to the
LM25010.
C6: The capacitor at the SS pin determines the soft-start
time, i.e. the time for the reference voltage at the regulation
comparator, and the output voltage, to reach their final value.
The capacitor value is determined from the following:
Fora5ms softstart time, C6 calculates to 0.022 µF.
D1: A Schottky diode is recommended. Ultra-fast recovery
diodes are not recommended as the high speed transitions
at the SW pin may inadvertently affect the IC’s operation
through external or internal EMI. The diode should be rated
for the maximum V
IN (40V), the maximum load current (1A),
and the peak current which occurs when current limit and
maximum ripple current are reached simultaneously (I
PK in
Figure 4), previously calculated to be 1.86A. The diode’s
forward voltage drop affects efficiency due to the power
dissipated during the off-time. The average power dissipa-
tion in D1 is calculated from:
P
D1 =VF xIO x(1-D)
where I
O is the load current, and D is the duty cycle.
FINAL CIRCUIT
The final circuit is shown in Figure 6, and its performance is
shown in Figures7&8. Current limit measured approxi-
mately 1.3A.
20172733
FIGURE 6. Example Circuit
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com