Electronic Components Datasheet Search
  English  ▼

X  

M640 Datasheet(PDF) 6 Page - Deep Sea Electronics

Part # M640
Description  PROGRAMMABLE CONTROLLER FOR USE IN VEHICLES AND OFF-HIGHWAY MACHINERY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSE [Deep Sea Electronics]
Direct Link  https://www.deepseaelectronics.com
Logo DSE - Deep Sea Electronics

M640 Datasheet(HTML) 6 Page - Deep Sea Electronics

  M640 Datasheet HTML 1Page - Deep Sea Electronics M640 Datasheet HTML 2Page - Deep Sea Electronics M640 Datasheet HTML 3Page - Deep Sea Electronics M640 Datasheet HTML 4Page - Deep Sea Electronics M640 Datasheet HTML 5Page - Deep Sea Electronics M640 Datasheet HTML 6Page - Deep Sea Electronics M640 Datasheet HTML 7Page - Deep Sea Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DSEControl®
Environmental and Testing
CE marking (Industrial)
Electromagnetic compatibility (EMC) noise immunity
Electromagnetic compatibility (EMC) emission standard
EN 61000-6-2
EN 61000-6-4
CE marking (Off-highway)
Electromagnetic compatibility (EMC)
EN ISO 13766-1:2008
E11
Electromagnetic compatibility (EMC) for vehicles
UNECE-R10.05
Electrical tests
Pulse 1, severity level: III; function state C
Pulse 2a, severity level: III; function state A
Pulse 2b, severity level: III; function state C
Pulse 3a, severity level: III; function state A
Pulse 3b, severity level: III; function state A
Pulse 4, severity level: III; function state A
Pulse 5a, severity level: III; function state C
ISO 7637-2 (2004)
Climatic tests
Damp heat, cyclic upper temperature 55 ˚C
Damp heat, steady state test temperature 40 ˚C / 93% RH
Test duration: 21 days
Salt spray test severity level 3 (vehicle)
EN 60068-2-30
EN 60068-2-78
EN 60068-2-52
Mechanical tests
Test VII; vibration, random mounting location: vehicle body. Vibration, sinusoidal
10...500 Hz; 0.73 mm / 10 g: 10 cycles / axis.
bumps 30 g / 6 ms; 24,000 shocks
ISO 16750-3
EN 60068-2-6
ISO 16750-3
DSEM640
055–198/07/21 (9)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com