Electronic Components Datasheet Search
  English  ▼

X  

M640 Datasheet(PDF) 7 Page - Deep Sea Electronics

Part # M640
Description  PROGRAMMABLE CONTROLLER FOR USE IN VEHICLES AND OFF-HIGHWAY MACHINERY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSE [Deep Sea Electronics]
Direct Link  https://www.deepseaelectronics.com
Logo DSE - Deep Sea Electronics

M640 Datasheet(HTML) 7 Page - Deep Sea Electronics

  M640 Datasheet HTML 1Page - Deep Sea Electronics M640 Datasheet HTML 2Page - Deep Sea Electronics M640 Datasheet HTML 3Page - Deep Sea Electronics M640 Datasheet HTML 4Page - Deep Sea Electronics M640 Datasheet HTML 5Page - Deep Sea Electronics M640 Datasheet HTML 6Page - Deep Sea Electronics M640 Datasheet HTML 7Page - Deep Sea Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Pin - 01
TX +
Pin - 02
RX +
Pin - 03
TX -
Pin - 04
RX -
Ethernet
M12 ‘D’ coded - 4 Pin Female
Pin - 01
+5 V DC
Pin - 02
Data -
Pin - 03
Data +
Pin - 04
ID
Pin - 05
GND
USB Host
M12 ‘B’ coded - 5 Pin Female
Abbreviations
OUT PWM, H, L
Output can be configured as a PWM, PWMi, digital high-side or digital low-side.
OUT H
Output is digital high.
OUT H, L
Output can be configured as a digital high-side or digital low side.
AIN
Input can be configured to accept signals from positive digital, negative digital, 0 V to 5 V, 0 V to 10 V, 0 V to 32 V, 4 mA to 20 mA, ratiometric or resistive.
DIN, H, L, FREQ
Input can be configured to accept signals from positive digital, negative digital or frequency.
PIN
DESCRIPTION
REF
1
OUT H, L, PWM (2 A)
QB005
2
OUT H, PWM (2 A or 4 A)
QB001
3
OUT H, PWM (2 A)
QB007
4
OUT H (4 A)
QB010
5
OUT H (2 A)
QB014
6
DIN, H, L, FREQ
IB009
7
AIN
IB001
8
AIN
IB002
9
DIN, H, L, FREQ
IB014
10
OUT H (4 A)
QB011
11
OUT H (2 A)
QB015
12
OUT H, L, PWM (2 A or 4 A)
QB004
13
OUT H, L, PWM (2 A or 4 A)
QB003
14
DIN, H, L, FREQ
IB010
15
DIN, H, L, FREQ
IB011
16
DIN H, L, FREQ
IB012
17
AIN
IB003
18
AIN
IB004
19
AIN
IB005
20
AIN
IB006
21
VREF GND
-
22
DIN, H, L, FREQ
IB015
23
OUT H, L, PWM (2 A)
QB006
24
OUT H, L (2 A)
QB018
25
OUT H, L (4 A)
QB017
26
OUT H (2 A)
QB013
27
OUT H (4 A)
QB009
28
DIN, H, L, FREQ
IB013
29
AIN
IB007
30
AIN
IB008
31
DIN, H, L, FREQ
IB016
32
OUT H (2 A)
QB016
33
OUT H (4 A)
QB012
34
OUT H, PWM (2 A)
QB008
35
OUT H, PWM (2 A or 4 A)
QB002
Connector B
PIN
DESCRIPTION
1
Output Supply 1 +VE
2
Vref +VE
3
Ignition +VE (15)
4
ECU Supply +VE
5
ECU Supply GND
6
PRG Enable
7
Output Supply 1 & 2 GND
8
Output Supply 2 +VE
9
Output Supply 3 & 4 GND
10
CAN1 H
11
CAN1 H
12
CAN1 L
13
CAN1 L
14
CAN4 H
15
CAN 4 L
16
Output Supply 3 +VE
17
CAN2 H
18
CAN2 H
19
CAN2 L
20
CAN2 L
21
CAN3 H
22
CAN3 L
23
Output Supply 4 +VE
Connector A
PIN
DESCRIPTION
REF
1
OUT H, L, PWM (2 A)
QC005
2
OUT H, PWM (2 A or 4 A)
QC001
3
OUT H,PWM (2 A)
QC007
4
OUT H (4 A)
QC010
5
OUT H (2 A)
QC014
6
DIN, H, L, FREQ
IC009
7
AIN
IC001
8
AIN
IC002
9
DIN, H, L, FREQ
IC014
10
OUT H (4 A)
QC011
11
OUT H (2 A)
QC015
12
OUT H, L, PWM (2 A or 4 A)
QC004
13
OUT H, L, PWM (2 A or 4 A)
QC003
14
DIN, H, L, FREQ
IC010
15
DIN, H, L, FREQ
IC011
16
DIN H, L, FREQ
IC012
17
AIN
IC003
18
AIN
IC004
19
AIN
IC005
20
AIN
IC006
21
VREF GND
-
22
DIN, H, L, FREQ
IC015
23
OUT H, L, PWM (2 A)
QC006
24
OUT H, L (2 A)
QC018
25
OUT H, L (4 A)
QC017
26
OUT H (2 A)
QC013
27
OUT H (4 A)
QC009
28
DIN, H, L, FREQ
IC013
29
AIN
IC007
30
AIN
IC008
31
DIN, H, L, FREQ
IC016
32
OUT H (2 A)
QC016
33
OUT H (4 A)
QC012
34
OUT H, PWM (2 A)
QC008
35
OUT H, PWM (2 A or 4 A)
QC002
Connector C
DSEControl®
DSEM640
PROGRAMMABLE CONTROLLER FOR USE IN
VEHICLES AND OFF-HIGHWAY MACHINERY
240 mm
055–198/07/21 (9)
9.45 "



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com