Electronic Components Datasheet Search
  English  ▼

X  

M640 Datasheet(PDF) 1 Page - Deep Sea Electronics

Part # M640
Description  PROGRAMMABLE CONTROLLER FOR USE IN VEHICLES AND OFF-HIGHWAY MACHINERY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSE [Deep Sea Electronics]
Direct Link  https://www.deepseaelectronics.com
Logo DSE - Deep Sea Electronics

M640 Datasheet(HTML) 1 Page - Deep Sea Electronics

  M640 Datasheet HTML 1Page - Deep Sea Electronics M640 Datasheet HTML 2Page - Deep Sea Electronics M640 Datasheet HTML 3Page - Deep Sea Electronics M640 Datasheet HTML 4Page - Deep Sea Electronics M640 Datasheet HTML 5Page - Deep Sea Electronics M640 Datasheet HTML 6Page - Deep Sea Electronics M640 Datasheet HTML 7Page - Deep Sea Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DSEM640
PROGRAMMABLE CONTROLLER FOR USE IN
VEHICLES AND OFF-HIGHWAY MACHINERY
DEEP SEA ELECTRONICS PLC UK
Highfield House, Hunmanby Industrial Estate, Hunmanby YO14 0PH
TELEPHONE +44 (0) 1723 890099 FACSIMILE +44 (0) 1723 893303
EMAIL sales@deepseaplc.com WEBSITE www.deepseaplc.com
DEEP SEA ELECTRONICS INC USA
3230 Williams Avenue, Rockford, IL 61101-2668 USA
TELEPHONE +1 (815) 316 8706 FACSIMILE +1 (815) 316 8708
EMAIL sales@deepseausa.com WEBSITE www.deepseausa.com
Deep Sea Electronics Plc maintains a policy of continuous development and reserves the right to change
the details shown on this data sheet without prior notice. The contents are intended for guidance only
Registered in England & Wales No.01319649
VAT No.316923457
055–198/07/21 (9)
OVERVIEW
DC SUPPLY
8 V DC to 36 V DC
CURRENT CONSUMPTION
OPERATING CURRENT
< 300 mA at 24 V without external loads
TOTAL INPUTS/OUTPUTS
68 (32 inputs / 36 outputs)
INPUTS
Configurable
Digital inputs (positive / negative)
Analogue inputs voltage 0 V to 5 V, 0 V to
10 V, 0 V to 32 V current 4 mA to 20 mA,
Ratiometric, Resistive, Frequency, Phase,
Fast Counter, Encoder
OUTPUTS
Configurable
2 A / 4 A
Digital Output High-Sided, Low-Sided
PWM, PWMi
INTERFACES
CAN 1.4
CAN Interfaces 2.0 A/B, ISO11898
50 kbits/s... 1 Mbit/s
J1939, CAN Open and Raw CAN
ETHERNET
10 Mbit/s / 100 Mbit/s, Duplex
USB
USB Host 2.0 (12 Mbit/s)
DIMENSIONS
37 mm x 240 mm x 190 mm (H x W x D)
1.46 " x 9.45 " x 7.48 " (H x W x D)
WEIGHT
1.5 kg
STORAGE TEMPERATURE RANGE
-40 ˚C to +85 ˚C
-40 ˚F to +185 ˚F
OPERATING TEMPERATURE RANGE
-40 ˚C to +85 ˚C
-40 ˚F to +185 ˚F
(at full load)
PROTECTION RATING
IP67 (with mating connectors)
MOUNTING
4 x M6 bolts
RELATED MATERIALS
TITLE
PART NO.
M640 Installation Instructions
053-186
M640 Operator Manual
057-244
DSEControl®
KEY FEATURES / SUMMARY
• Controller specifically designed for mobile applications
• Powerful 32 bit processor with 220 MHz clock speed
• 4 MB application memory
• 32 configurable inputs, digital and analogue capability
• 36 configurable outputs with digital, PWM and PWMi
• 4 independent CAN interfaces, J1939, CAN Open and Raw CAN
• Ethernet interface for communication
• Flexible user programming via CODESYS 3.5
• Ruggedised die cast aluminium housing for IP67 protection
ADDITIONAL HARDWARE
M64x Connector Set x3
M64x Connector Harness Set x3
M12 to Ethernet Cable
M12 to USB Data Cable
DSE PART
007-035
007-036
016-160
016-161


Similar Part No. - M640

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64080GP MITSUBISHI-M64080GP Datasheet
255Kb / 10P
410MHz 2SYSTEM 1CHIP PLL FREQUENCY SYNTHESIZER
M64092FP MITSUBISHI-M64092FP Datasheet
282Kb / 7P
Serial input pll prequency synthesizer for TV/VCR
More results

Similar Description - M640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1841 TI-UC1841 Datasheet
923Kb / 9P
Programmable, Off-Line, PWM Controller
UC1851 TI-UC1851 Datasheet
576Kb / 7P
Programmable, Off-Line, PWM Controller
logo
STMicroelectronics
UC1840 STMICROELECTRONICS-UC1840 Datasheet
447Kb / 10P
PROGRAMMABLE, OFF-LIINE, PWM CONTROLLER
logo
Texas Instruments
SLUS208 TI1-SLUS208 Datasheet
942Kb / 11P
Programmable, Off-Line, PWM Controller
SLUS226 TI1-SLUS226 Datasheet
772Kb / 11P
Programmable, Off-Line, PWM Controller
logo
NTE Electronics
R51-1D70-12F NTE-R51-1D70-12F Datasheet
1Mb / 2P
50 Amp and 70 Amp, SPST and SPDT Relays for use in Automotive/Marine/Tractor/Lawn Mower/Rec. Vehicles/Golf Cart Applications.
logo
Japan Aviation Electron...
HB01 JAE-HB01 Datasheet
496Kb / 6P
Waterproof In-line Connector for Industrial Machinery
logo
ETAL Group
437-K12 ETAL-437-K12 Datasheet
206Kb / 2P
Battery and cable protection for all types of vehicles (including rail vehicles and boats), battery powered systems
logo
AVX Corporation
FHC16I2637 AVX-FHC16I2637 Datasheet
390Kb / 7P
Hybrid Vehicles and Electric Vehicles Capacitors
logo
Omron Electronics LLC
CP1E OMRON-CP1E Datasheet
7Mb / 54P
The CP1E Programmable Controller: Economical, Easy to use, and Efficient
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com