Electronic Components Datasheet Search
  English  ▼

X  

M643 Datasheet(PDF) 2 Page - Deep Sea Electronics

Part # M643
Description  PROGRAMMABLE CONTROLLER FOR USE IN VEHICLES AND OFF-HIGHWAY MACHINERY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSE [Deep Sea Electronics]
Direct Link  https://www.deepseaelectronics.com
Logo DSE - Deep Sea Electronics

M643 Datasheet(HTML) 2 Page - Deep Sea Electronics

  M643 Datasheet HTML 1Page - Deep Sea Electronics M643 Datasheet HTML 2Page - Deep Sea Electronics M643 Datasheet HTML 3Page - Deep Sea Electronics M643 Datasheet HTML 4Page - Deep Sea Electronics M643 Datasheet HTML 5Page - Deep Sea Electronics M643 Datasheet HTML 6Page - Deep Sea Electronics M643 Datasheet HTML 7Page - Deep Sea Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Supply
Connector A
Operating voltage
8 V DC to 36 V DC
Pin 4
Unit power supply maximum current consumption (no external loads)
< 300 mA at 24 V
Unit power supply current consumption after controlled shutdown has occurred due to
the ignition being turned off
< 5 mA at 24 V
Fusing
Connector A
Unit power supply external protection fuse rating
3 A
Pin 4
Maximum total current of the device is 16 A. This includes the device current
consumption plus the current supplied to the outputs. Each output supply is rated max
16 A.
Output supply 3 + Output supply 4 must not exceed 16 A.
16 A
Pin 16, 23
Program Enable Pin
Connector A
Program enable high (program enabled)
> 6 V
Pin 6
Program enable low (program disabled)
< 2 V
When not used must
put to GND
Program enable pin pull-down resistance
33 k
Ω
Housing
Diecast aluminium
Dimensions
49 mm x 240 mm x 190 mm (H x W x D) / 1.46 " x 9.45 " x 7.48 " (H x W x D)
Weight
1.5 kg
Temperature
Operating temperature
-40 ˚C to +85 ˚C / -40 ˚F to +185 ˚F
Storage temperature
-40 ˚C to +85 ˚C / -40 ˚F to +185 ˚F
Protection Rating
IP67 (with mating connector)
Connectors
Mating Connector A - 23 pin TE connectivity 1-770680-1
Connector C - 35 pin TE connectivity 1-776164-1
M12, D-coded 4 pole socket
M12, A-coded 5 pole socket
Digital Inputs
Connector C
Digital inputs active high/active low
Pin 6, 9, 14, 15, 16, 22,
28, 31
High level voltage threshold for active high
> 6 V
Low level voltage threshold for active high
< 2 V
Analogue Voltage Inputs
Connector C
0 V to 5 V programmable voltage range
0 V to 5 V
Pin 7, 8, 17, 18, 19, 20,
29, 30
0 V to 10 V programmable voltage range
0 V to 10 V
0 V to 32 V programmable voltage range
0 V to 32 V
Voltage measurement resolution
12 bits
Voltage measurement accuracy
±1% FSD
Voltage measurement input resistance
≥ 30 k
Ω
Voltage measurement sampling rate
1 kHz
FSD = Full Scale Deflection
Technical Data
DSEControl®
DSEM643
055–236/07/21 (6)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com