Electronic Components Datasheet Search
  English  ▼

X  

M643 Datasheet(PDF) 5 Page - Deep Sea Electronics

Part # M643
Description  PROGRAMMABLE CONTROLLER FOR USE IN VEHICLES AND OFF-HIGHWAY MACHINERY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSE [Deep Sea Electronics]
Direct Link  https://www.deepseaelectronics.com
Logo DSE - Deep Sea Electronics

M643 Datasheet(HTML) 5 Page - Deep Sea Electronics

  M643 Datasheet HTML 1Page - Deep Sea Electronics M643 Datasheet HTML 2Page - Deep Sea Electronics M643 Datasheet HTML 3Page - Deep Sea Electronics M643 Datasheet HTML 4Page - Deep Sea Electronics M643 Datasheet HTML 5Page - Deep Sea Electronics M643 Datasheet HTML 6Page - Deep Sea Electronics M643 Datasheet HTML 7Page - Deep Sea Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DSEControl®
LED Status
Colour
Description
Operation
State
None
Device not powered
N/A
Off
Green
Unit powered up, application program loaded but not running
Unit powered up, application program loaded and running
Unit powered up, but no application program loaded
Static
1 Hz flash
5 Hz flash
Application stopped
Application running
No application
Amber
Bootloader functioning normally, firmware present
Firmware is at start-up
Unit stopped due to a serious fault
Bootloader is decrypting the downloaded image
Bootloader is reading an image from the USB
Static
Static
Static
1 Hz flash
5 Hz flash
Bootloader mode
Firmware start-up
Application exception
Decrypting image
Reading image from
USB
Red
Fatal system/hardware fault - LED may be driven directly by
microcontroller error pin or firmware is in a fault condition
Unit running with a fault, see CODESYS error flags
or web tool.
Static
1 Hz flash
Fatal error
Faulty application
running
Memory
Internal flash
3 MB
External flash
8 MB
Internal RAM
256 kB
External RAM
8 MB
FRAM
512 kB
Processor
Ti Hercules™ RM microcontroller
32 bit ARM cortex - R4FCPU
220 MHz
DSEM643
055–236/07/21 (6)
USB Interface
M12, 5 pole
Number of USB host ports
1
B-coded, 5 pole socket
Supported USB version
2
Speeds supported
Full speed (12 Mbit/s)
Device class supported
08 (Mass Storage)
Supported filing system
FAT32
Ethernet Interface
M12, 4 pole
Number of Ethernet ports
1
D-coded 4 pole socket
Supported data rates
10 Mbit/s / 100 Mbit/s, duplex
Supported protocols
MODBUS TCP
CODESYS 3.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com