Electronic Components Datasheet Search
  English  ▼

X  

M643 Datasheet(PDF) 4 Page - Deep Sea Electronics

Part # M643
Description  PROGRAMMABLE CONTROLLER FOR USE IN VEHICLES AND OFF-HIGHWAY MACHINERY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSE [Deep Sea Electronics]
Direct Link  https://www.deepseaelectronics.com
Logo DSE - Deep Sea Electronics

M643 Datasheet(HTML) 4 Page - Deep Sea Electronics

  M643 Datasheet HTML 1Page - Deep Sea Electronics M643 Datasheet HTML 2Page - Deep Sea Electronics M643 Datasheet HTML 3Page - Deep Sea Electronics M643 Datasheet HTML 4Page - Deep Sea Electronics M643 Datasheet HTML 5Page - Deep Sea Electronics M643 Datasheet HTML 6Page - Deep Sea Electronics M643 Datasheet HTML 7Page - Deep Sea Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PWM minimum pulse ratio
0 Hz
PWM maximum pulse ratio
100%
PWM pulse resolution
1%
Current measurement resolution (0 A to 2 A range)
1 mA
Current measurement resolution (0 A to 4 A range)
2 mA
Current measurement accuracy
±1% FSD
Min. load impedance (12 V supply voltage to 4 A output)
3
Ω
Min. load impedance (24 V supply voltage to 4 A output)
6
Ω
Reference Voltage
Connector A
PWM/PWMi Outputs
Connector C
Peak current rating (software will stop output if > rating detected)
5 A
Pin 1, 2, 3, 12, 13, 23,
34, 35
Minimum PWM frequency
20 Hz
Maximum PWM frequency
250 Hz
PWM frequency resolution
0.1 Hz steps
Digital Outputs High Side
Connector C
Switching current
2 A
Pin 1,2,3,5,11,12,13,
23,24,26,32,34,35
4 A
Pin 2,4,10,12,13,23,25,
27,35
Digital output active high ‘ON’ state internal voltage drop at rated current
< 2 V
Digital output active high ‘OFF’ state leakage current
< 10 mA at 24 V
Digital Outputs Low Side
Connector C
Switching current
2 A
Pin 1,12,13,23,24
4 A
Pin 12,13,25
Digital output active low ‘ON’ state maximum voltage at rated current
< 2 V
Digital output active low ‘OFF’ state leakage current
< 10 mA at 24 V
DSEControl®
Encoder Inputs
Connector C
Frequency range
5 Hz to 30 kHz
Pin 6, 9, 14, 15, 16, 22,
28, 31
Resolution
1 count
Maximum count
224 (15777215)
Direction
Up / down
DSEM643
055–236/07/21 (6)
Reference voltage output
Programmable 5 V or 10 V,
500 mA accuracy ±5%
5
VRef GND on B21/C21
CAN Interfaces
Connector A
Number of CAN interfaces
4
Pin 10, 11, 12, 13, 14,
15, 17, 18, 19, 20, 21,
22
Supported protocols
J1939
CAN open
Raw CAN
Supported programmable baud rates
50 kbit/s, 125 kbit/s, 250
kbit/s, 500 Kbit/s, 800 Kbit/s,
1 Mbit/s



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com