Electronic Components Datasheet Search
  English  ▼

X  

TPS40077PWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40077PWPR
Description  HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40077PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS40077PWPR Datasheet HTML 9Page - Texas Instruments TPS40077PWPR Datasheet HTML 10Page - Texas Instruments TPS40077PWPR Datasheet HTML 11Page - Texas Instruments TPS40077PWPR Datasheet HTML 12Page - Texas Instruments TPS40077PWPR Datasheet HTML 13Page - Texas Instruments TPS40077PWPR Datasheet HTML 14Page - Texas Instruments TPS40077PWPR Datasheet HTML 15Page - Texas Instruments TPS40077PWPR Datasheet HTML 16Page - Texas Instruments TPS40077PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
www.ti.com
11
13
10
15
3
2
1
VDD
LVBP
RT
KFF
DBP
HDRV
LDRV
4
5
7
6
PGD
SGND
FB
SS
8
COMP
Oscillator
16 ILIM
SW
CLK
12 SW
CLK
ILIM
OC
9
PGND
14 BOOST
VDD
UVLO
770mV
FB
630mV
SS Active
PWM
OC
CLK
UVLO
FAULT
DBP
+
+
700mV
RAMP
OC
CLK
SW
PGND
B0150-01
LVBP
SS Active
Reference
Regulator
Ramp
Generator
Power
Good
Logic
UVLO
Controller
Pulse
Control
SoftStart
and
FaultControl
Predictive
GateDrive
Control
Logic
Short-Circuit
Comparator
andControl
TPS40077
SLUS714 – JANUARY 2007
FUNCTIONAL BLOCK DIAGRAM
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com