Electronic Components Datasheet Search
  English  ▼

X  

TPS40077PWPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40077PWPR
Description  HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40077PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS40077PWPR Datasheet HTML 17Page - Texas Instruments TPS40077PWPR Datasheet HTML 18Page - Texas Instruments TPS40077PWPR Datasheet HTML 19Page - Texas Instruments TPS40077PWPR Datasheet HTML 20Page - Texas Instruments TPS40077PWPR Datasheet HTML 21Page - Texas Instruments TPS40077PWPR Datasheet HTML 22Page - Texas Instruments TPS40077PWPR Datasheet HTML 23Page - Texas Instruments TPS40077PWPR Datasheet HTML 24Page - Texas Instruments TPS40077PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
www.ti.com
INTERNAL REGULATORS
TPS40077 POWER DISSIPATION
P
T +
2
P
D
V
DR
) IQ
V
IN
(Watts)
(14)
P
T + 2
Qg
f
SW ) IQ
V
IN
(Watts)
(15)
P
T +
T
J * TA
q
JA
(Watts)
(16)
f
SW +
T
J*TA
q
JA
V
DD
* IQ
2
Qg
(Hz)
(17)
TPS40077
SLUS714 – JANUARY 2007
APPLICATION INFORMATION (continued)
The internal regulators are linear regulators that provide controlled voltages from which the drivers and the
internal circuitry operate. The DBP pin is connected to a nominal 8-V regulator that provides power for the driver
circuits. This regulator has two modes of operation. At VDD voltages below 8.5 V, the regulator is in a
low-dropout mode of operation and tries to provide as little impedance as possible from VDD to DBP. Above 10
V at VDD, the regulator regulates DBP to 8 V. Between these two voltages, the regulator remains in the state it
was in when VDD entered this region (see Figure 20). Small amounts of current can be drawn from this pin for
other circuit functions, as long as power dissipation in the controller device remains at acceptable levels and
junction temperature does not exceed 125
°C.
The LVBP pin is connected to another internal regulator that provides 4.2 V (nom) for the operation of
low-voltage circuitry in the controller. This pin can be used for other circuit purposes, but extreme care must be
taken to ensure that no extra noise is coupled onto this pin; otherwise, controller performance suffers. Current
draw is not to exceed 1 mA. See Figure 21 for typical output voltage at this pin.
The power dissipation in the TPS40077 is largely dependent on the MOSFET driver currents and the input
voltage. The driver current is proportional to the total gate charge, Qg, of the external MOSFETs. Driver power
(neglecting external gate resistance) can be calculated from:
PD = Qg × VDR × fSW
(Watts/driver)
where VDR is the driver output voltage
The total power dissipation in the TPS40077, assuming the same MOSFET is selected for both the high-side
and synchronous rectifier, is described in Equation 14 or Equation 15.
or
where IQ is the quiescent operating current (neglecting drivers)
The maximum power capability of the TPS40077 PowerPAD package is dependent on the layout as well as air
flow. The thermal impedance from junction to air, assuming 2-oz. copper trace and thermal pad with solder and
no air flow, is 37
°C/W. See the application report titled PowerPAD Thermally Enhanced Package (SLMA002) for
detailed information on PowerPAD package mounting and usage.
The maximum allowable package power dissipation is related to ambient temperature by Equation 16. For
θ
JA,
see the Package Dissipation Ratings table.
Substituting Equation 16 into Equation 15 and solving for fSW yields the maximum operating frequency for the
TPS40077. The result is described in Equation 17.
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com