Electronic Components Datasheet Search
  English  ▼

X  

TPS40077PWPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40077PWPR
Description  HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40077PWPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS40077PWPR Datasheet HTML 12Page - Texas Instruments TPS40077PWPR Datasheet HTML 13Page - Texas Instruments TPS40077PWPR Datasheet HTML 14Page - Texas Instruments TPS40077PWPR Datasheet HTML 15Page - Texas Instruments TPS40077PWPR Datasheet HTML 16Page - Texas Instruments TPS40077PWPR Datasheet HTML 17Page - Texas Instruments TPS40077PWPR Datasheet HTML 18Page - Texas Instruments TPS40077PWPR Datasheet HTML 19Page - Texas Instruments TPS40077PWPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
www.ti.com
VDG−03172
RAMP
COMP
SW
VIN
VIN
SW
COMP
RAMP
VPEAK
VVALLEY
T2
tON1 > tON2 and d1 > d2
tON2
tON1
d +
t
ON
T
T1
PROGRAMMING SOFT START
t
START w 2
p
L
C
OUT
(5)
C
SS + tSS
I
SS
V
FB
(6)
TPS40077
SLUS714 – JANUARY 2007
APPLICATION INFORMATION (continued)
Figure 23. Voltage Feed-Forward and PWM Duty Cycle Waveforms
TPS40077 uses a closed-loop approach to ensure a controlled ramp on the output during start-up. Soft start is
programmed by connecting an external capacitor (CSS) from the SS pin to GND. This capacitor is charged by a
fixed current, generating a ramp signal. The voltage on SS is level-shifted down approximately 1 V and fed into
a separate noninverting input to the error amplifier. The loop is closed on the lower of the level-shifted SS
voltage or the 700-mV internal reference voltage. Once the level-shifted SS voltage rises above the internal
reference voltage, output-voltage regulation is based on the internal reference. To ensure a controlled ramp-up
of the output voltage, the soft-start time should be greater than the L-COUT time constant or:
Note that there is a direct correlation between tSTART and the input current required during start-up. The lower
tSTART is, the higher the input current required during start-up, because the output capacitance must be charged
faster. For a desired soft-start time, the soft-start capacitance, CSS, can be found from:
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com