Electronic Components Datasheet Search
  English  ▼

X  

UCD7230 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7230
Description  Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7230 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCD7230 Datasheet HTML 7Page - Texas Instruments UCD7230 Datasheet HTML 8Page - Texas Instruments UCD7230 Datasheet HTML 9Page - Texas Instruments UCD7230 Datasheet HTML 10Page - Texas Instruments UCD7230 Datasheet HTML 11Page - Texas Instruments UCD7230 Datasheet HTML 12Page - Texas Instruments UCD7230 Datasheet HTML 13Page - Texas Instruments UCD7230 Datasheet HTML 14Page - Texas Instruments UCD7230 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
www.ti.com
Driver Stages
0
1
2
4
5
6
OUT2 - V
0
1.0
2.0
3.0
4.0
5.0
3
0.5
1.5
2.5
3.5
4.5
Sink Current
VDD = 12 V
Sink Current
VDD = 5 V
Source Current
VDD = 12 V
Source Current
VDD = 5 V
OUT2 SOURCE/SINK CURRENT
vs
OUT2 VOLTAGE
0
1
2
4
5
6
OUT1 - SW - V
0
1.0
2.0
3.0
4.0
5.0
3
0.5
1.5
2.5
3.5
4.5
Sink Current
VDD = 12 V
Sink Current
VDD = 5 V
Source Current
VDD = 12 V
Source Current
VDD = 5 V
OUT1 SOURCE/SINK CURRENT
vs
OUT1 VOLTAGE WITH RESPECT TO SW VOLTAGE
UCD7230
SLUS741C – NOVEMBER 2006 – REVISED MARCH 2007
APPLICATION INFORMATION (continued)
The driver outputs utilize Texas Instruments’ TrueDrive™ architecture, which delivers rated current into the gate
of a MOSFET when it is most needed, during the Miller plateau region of the switching transition. This provides
best switching speeds and reduces switching losses. TrueDrive™ consists of pull-up/ pull-down circuits using
bipolar and MOSFET transistors in parallel. This hybrid output stage also allows relatively constant current
sourcing even at reduced supply voltages.
The low-side high-current output stage of the UCD7230 device is capable of sourcing 1.7-A and sinking 3.5-A
current pulses and swings from PVDD to PGND. The high-side floating output driver is capable of sourcing 2.2-A
and sinking 3.5-A peak-current pulses. This ratio of gate currents, common to synchronous buck applications,
minimizes the possibility of parasitic turn on of the low-side power MOSFET due to dv/dt currents during the
rising edge switching transition. See the typical curves of sink and source current in Figure 3 and Figure 4
below.
If further limiting of the rise or fall times to the power device is desired, an external resistance can be added
between the output of the driver and the power MOSFET gate. The external resistor also helps remove power
dissipation from the driver.
Driver outputs follow IN and SRE as previously described provided that VDD and 3V3 are above their respective
under-voltage lockout thresholds. When the supplies are insufficient, the chip holds both OUT1 and OUT2 low.
It is worth reiterating the need mentioned in the supply section for sound high frequency design techniques in
the circuit board layout and bypass capacitor selection and placement. Some applications may generate
excessive ringing at the switch-inductor node. This ringing can drag SW to negative voltages that might cause
functional irregularities. To prevent this, carefull board layout and appropriate snubbing are essential. In addition,
it may be appropriate to couple SW to the inductor with a 1-
Ω resistor, and then bypass SW to PGND with a low
impedance Schottky diode.
Figure 3.
Figure 4.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com