Electronic Components Datasheet Search
  English  ▼

X  

UCD7230 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7230
Description  Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7230 Datasheet(HTML) 15 Page - Texas Instruments

Back Button UCD7230 Datasheet HTML 11Page - Texas Instruments UCD7230 Datasheet HTML 12Page - Texas Instruments UCD7230 Datasheet HTML 13Page - Texas Instruments UCD7230 Datasheet HTML 14Page - Texas Instruments UCD7230 Datasheet HTML 15Page - Texas Instruments UCD7230 Datasheet HTML 16Page - Texas Instruments UCD7230 Datasheet HTML 17Page - Texas Instruments UCD7230 Datasheet HTML 18Page - Texas Instruments UCD7230 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
www.ti.com
UCD7230
DIGITAL
CONTROLLER
AGND
3V3
ILIM
GPIO1
VCC
GND
GPIO2
GPIO3
GPIO4
2.5 kW
40 kW
ILIM SETPOINT
[Volts]
GPIO3
GPIO2
GPIO1
GPIO4
ILIM (open)
0.50
OPEN
OPEN
OPEN
OPEN
ILIM0
0.00
0
0
0
0
ILIM1
0.14
0
0
1
0
ILIM2
0.29
0
1
0
0
ILIM3
0.43
0
1
1
0
ILIM4
0.57
1
0
0
0
ILIM5
0.72
1
0
1
0
ILIM6
0.86
1
1
0
0
ILIM7
1.00
1
1
1
0
DIGITAL
CONTROLLER
PWM
Rf
Rf and Cf filter the PWM
output to generate a DC
input to the ILIM PIN
A) GPIO Outputs
B) PWM Output
UCD7230
AGND
3V3
ILIM
Cf
C) Resistor Divider
D) Internal Set Point
20 kW
10 kW
UCD7230
AGND
3V3
ILIM
GND
VCC
DIGITAL
CONTROLLER
R1
UCD7230
AGND
3V3
ILIM
GND
VCC
R2
Cf
UCD7230
SLUS741C – NOVEMBER 2006 – REVISED MARCH 2007
APPLICATION INFORMATION (continued)
Figure 8. Setting the ILIM Voltage with: a) GPIO Outputs, b) PWM Output, c) Resistor Divider, d) Internal
Set Point
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com