Electronic Components Datasheet Search
  English  ▼

X  

INA500B Datasheet(PDF) 2 Page - Texas Instruments

Part # INA500B
Description  INA500 Cost and Size Optimized, Low Power, 1.7V to 5.5V Difference Amplifier with >1MΩ Input Impedance
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA500B Datasheet(HTML) 2 Page - Texas Instruments

  INA500B Datasheet HTML 1Page - Texas Instruments INA500B Datasheet HTML 2Page - Texas Instruments INA500B Datasheet HTML 3Page - Texas Instruments INA500B Datasheet HTML 4Page - Texas Instruments INA500B Datasheet HTML 5Page - Texas Instruments INA500B Datasheet HTML 6Page - Texas Instruments INA500B Datasheet HTML 7Page - Texas Instruments INA500B Datasheet HTML 8Page - Texas Instruments INA500B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................2
5 Pin Configuration and Functions...................................2
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings .............................................................. 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics - INA500A........................... 5
6.6 Typical Characteristics................................................ 7
7 Detailed Description......................................................14
7.1 Overview................................................................... 14
7.2 Functional Block Diagram......................................... 14
7.3 Feature Description...................................................15
7.4 Device Functional Modes..........................................19
8 Application and Implementation.................................. 20
8.1 Application Information............................................. 20
8.2 Typical Applications.................................................. 21
8.3 Power Supply Recommendations.............................23
8.4 Layout....................................................................... 24
9 Device and Documentation Support............................25
9.1 Device Support......................................................... 25
9.2 Documentation Support............................................ 25
9.3 Receiving Notification of Documentation Updates....25
9.4 Support Resources................................................... 25
9.5 Trademarks...............................................................25
9.6 Electrostatic Discharge Caution................................25
9.7 Glossary....................................................................25
10 Revision History.......................................................... 25
11 Mechanical, Packaging, and Orderable
Information.................................................................... 26
4 Device Comparison Table
DEVICE
NO. OF
CHANNELS
PACKAGE LEADS
SOT-23
DBV(1)
SC70
DCK
X2SON
DTQ(1)
INA500A
1
6
6
6
INA500B (2)
1
6
6
6
INA500C (2)
1
6
6
6
(1)
Package is preview only.
(2)
Device is preview only.
5 Pin Configuration and Functions
1
IN+
6
V+
2
V–
5
REF
3
IN–
4
OUT
Not to scale
Figure 5-1. INA500 DCK Package, 6-Pin SC70 (Top View)
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
SC70
IN–
3
I
Negative (inverting) input
IN+
1
I
Positive (non-inverting) input
OUT
4
O
Output
REF
5
I
Reference input
V–
2
—
Negative supply
V+
6
—
Positive supply
(1)
I = input, O = output
INA500
SBOSAI9A – DECEMBER 2023 – REVISED JANUARY 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: INA500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com