Electronic Components Datasheet Search
  English  ▼

X  

INA500B Datasheet(PDF) 24 Page - Texas Instruments

Part # INA500B
Description  INA500 Cost and Size Optimized, Low Power, 1.7V to 5.5V Difference Amplifier with >1MΩ Input Impedance
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA500B Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA500B Datasheet HTML 20Page - Texas Instruments INA500B Datasheet HTML 21Page - Texas Instruments INA500B Datasheet HTML 22Page - Texas Instruments INA500B Datasheet HTML 23Page - Texas Instruments INA500B Datasheet HTML 24Page - Texas Instruments INA500B Datasheet HTML 25Page - Texas Instruments INA500B Datasheet HTML 26Page - Texas Instruments INA500B Datasheet HTML 27Page - Texas Instruments INA500B Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
8.4 Layout
8.4.1 Layout Guidelines
Attention to good layout practices is always recommended. For best operational performance of the device, use
the following PCB layout practices:
• Ensure that both input paths are well-matched for source impedance and capacitance to avoid converting
common-mode signals into differential signals.
• Use bypass capacitors to reduce the coupled noise by providing low-impedance power sources local to the
analog circuitry.
– Connect low-ESR, 0.1µF ceramic bypass capacitors between each supply pin and ground, placed as
close to the device as possible. A single bypass capacitor from V+ to ground is applicable for single-
supply applications.
• Route the input traces as far away from the supply or output traces as possible to reduce parasitic coupling. If
these traces cannot be kept separate, crossing the sensitive trace perpendicular is much better than crossing
in parallel with the noisy trace.
• Place the external components as close to the device as possible.
• Keep the traces as short as possible.
8.4.2 Layout Example
Use ground pours for
shielding the input
signal pairs
1
IN+
6
V+
2
V
5
REF
3
IN
4
OUT
C1
C2
GND
GND
+V
–IN
+IN
OUT
Input traces routed
adjacent & symmetrical
to each other
–
V
+IN
–IN
+V
OUT
–V
C1
C2
INA500
GND
GND
Low-impedance
connection for REF
terminal
REF
Place bypass
capacitors as close to
IC as possible
GND
Figure 8-4. Example Schematic and Associated PCB Layout
INA500
SBOSAI9A – DECEMBER 2023 – REVISED JANUARY 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: INA500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com