Electronic Components Datasheet Search
  English  ▼

X  

INA500B Datasheet(PDF) 8 Page - Texas Instruments

Part # INA500B
Description  INA500 Cost and Size Optimized, Low Power, 1.7V to 5.5V Difference Amplifier with >1MΩ Input Impedance
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA500B Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA500B Datasheet HTML 4Page - Texas Instruments INA500B Datasheet HTML 5Page - Texas Instruments INA500B Datasheet HTML 6Page - Texas Instruments INA500B Datasheet HTML 7Page - Texas Instruments INA500B Datasheet HTML 8Page - Texas Instruments INA500B Datasheet HTML 9Page - Texas Instruments INA500B Datasheet HTML 10Page - Texas Instruments INA500B Datasheet HTML 11Page - Texas Instruments INA500B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = (V+) – (V–) = 5.5V, VIN = (VIN+ – VIN–) = 0 V, RL = 10kΩ, CL = 10pF, VREF = VS / 2, VCM = (VIN+ + VIN–) / 2
= VS / 2, VOUT = VS / 2 and G = 1 (unless otherwise noted)
Temperature (°C)
-50
-25
0
25
50
75
100
125
12
12.5
13
13.5
14
14.5
15
T05_
VS = 1.8 V
VS = 3.3 V
VS = 5.0 V
Figure 6-7. Quiescent Current vs Temperature
Temperature (°C)
-60
-40
-20
0
20
40
60
80
100
120
140
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.045
0.05
T07_
G = 1
Figure 6-8. Gain Error vs Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
70
72
74
76
78
80
T08_
G = 1
Figure 6-9. Output Referred CMRR vs Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
35
40
45
T09_
V+ = 2.75V and V– = –2.75V
Figure 6-10. Short-Circuit Current vs Temperature
Input Common-Mode Voltage (V)
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
-5000
-4000
-3000
-2000
-1000
0
1000
2000
3000
4000
5000
C01_
V+ = 2.75V and V– = –2.75V
Figure 6-11. Output Referred Offset Voltage vs Input Common-
Mode Voltage
Input Common-Mode Voltage (V)
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
-15
-12
-9
-6
-3
0
3
6
9
12
15
18
C03_
IQ (+)
IQ (-)
V+ = 2.75V and V– = –2.75V
Figure 6-12. Quiescent Current vs Input Common-Mode Voltage
INA500
SBOSAI9A – DECEMBER 2023 – REVISED JANUARY 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: INA500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com