Electronic Components Datasheet Search
  English  ▼

X  

CYPAS212 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # CYPAS212
Description  EZ-PD™ PAG2S-AC integrated USB PD and secondary-side ACF controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS212 Datasheet(HTML) 5 Page - Infineon Technologies AG

  CYPAS212 Datasheet HTML 1Page - Infineon Technologies AG CYPAS212 Datasheet HTML 2Page - Infineon Technologies AG CYPAS212 Datasheet HTML 3Page - Infineon Technologies AG CYPAS212 Datasheet HTML 4Page - Infineon Technologies AG CYPAS212 Datasheet HTML 5Page - Infineon Technologies AG CYPAS212 Datasheet HTML 6Page - Infineon Technologies AG CYPAS212 Datasheet HTML 7Page - Infineon Technologies AG CYPAS212 Datasheet HTML 8Page - Infineon Technologies AG CYPAS212 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Datasheet
5
002-37370 Rev. *B
2023-10-10
EZ-PD™ PAG2S-AC integrated USB PD and secondary-side ACF
controller
Pinouts
2Pinouts
2.1
Pin definitions
Table 1
32-pin QFN pin description
Pin number Pin name
Pin description
1
VCCD
1.8-V core voltage LDO output
2
VDDD
3.0-V to 5.5-V internal LDO output
3VSS
Ground
4
VDDD_SR
VDDD supply for sync rectifier driver
5
SR_CPN
Synchronous rectification doubler capacitor negative pin
6
SR_CPP
Synchronous rectification doubler capacitor positive pin
7
VSS_SR
Ground for synchronous rectifier driver
8
SR_GDRV
Synchronous rectifier NFET gate driver
9
SR_SEN
Synchronous rectifier NFET drain terminal sensing
10
SR_CAP
Synchronous rectifier NFET drain sensing for
resonance frequency > 4 MHz
11
PWM_DRV
Pulse-edge transformer driver
12
GPIO0
GPIO
13
GPIO1
14
DM_GPIO2
USB D–/GPIO/SWD_DAT
15
DP_GPIO3
USB D+/GPIO/SWD_CLK
16
GPIO4
Not connected
17
XRES
External reset input
18
GPIO5
GPIO
19
GPIO6
GPIO/TCPWM
20
GPIO7
GPIO
21
CC2
Power Delivery Communication Channel 2
22
CC1
Power Delivery Communication Channel 1
23
CSN
Low-side current sense amplifier negative input
24
CSP
Low-side current sense amplifier positive input
25
VBUS_C
USB Type-C VBUS monitor input
26
VBUS_CTRL
Load switch NFET gate control
27
EA_OUT
EA output
28
FB
EA feedback
29
CC_COMP_GPIO8
Pin for constant current mode compensation capacitor/GPIO/TCPWM
30
CC_COMP_GPIO9
31
VSS
Ground
32
VBUS_IN
3.3-V to 30-V power source input for regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com