| Electronic Components Datasheet Search |
|
CYPAS212 Datasheet(PDF) 9 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYPAS212 Datasheet(HTML) 9 Page - Infineon Technologies AG |
|
9 / 32 page ![]() Datasheet 9 002-37370 Rev. *B 2023-10-10 EZ-PD™ PAG2S-AC integrated USB PD and secondary-side ACF controller Functional description 3 Functional description 3.1 System start-up On power-up, the primary side start-up controller must start controlling the primary switch using its soft start mechanism and provide sufficient current to charge the secondary-side output capacitor and the start-up current required for EZ-PD™ PAG2S-AC. The secondary output voltage is the input power supply source of PAG2S-AC. Once VBUS_IN voltage exceeds 3.3-V, PAG2S-AC firmware will boot up and take control of the primary switch. The PAG2S-AC firmware boot up time is in the order of a few milliseconds. Once the boot-up is complete, the firmware configures the error-amplifier to achieve the 5-V secondary output and PAG2S-AC will generate the PWM pulses accordingly. These pulses on PWM_DRV are coupled to the primary start-up controller through a pulse transformer. On receiving the PWM pulses, the primary side start-up controller is expected to synchronize its internal oscillator with the PWM pulses and switch from start-up mode to secondary control mode. In secondary control mode, the primary switch is directly controlled by the PWM pulses generated by PAG2S-AC. 3.2 Modes of operation - SR PAG2S-AC supports synchronous rectification (SR) in both DCM and CCM modes. The SR sense block supports negative sense detect and ZCD. Figure 3 through Figure 5 show the SR_GDRV functionality in CrCM, valley switching, and CCM modes. The SR controller has a turn-on propagation delay of 40 ns (typ) and a turn-off propagation delay of 25 ns (typ). Figure 3 SR_SEN and SR_GDRV in CrCM mode Time Primary Current Secondary Current SR_SEN Primary FET ON, SR FET OFF Primary FET ON, SR FET OFF Primary FET OFF, SR FET ON Primary FET OFF, SR FET ON Negative sense detect ZCD Both FET OFF SR_GDRV |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |