Electronic Components Datasheet Search
  English  ▼

X  

CYPAS212 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # CYPAS212
Description  EZ-PD™ PAG2S-AC integrated USB PD and secondary-side ACF controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS212 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button CYPAS212 Datasheet HTML 2Page - Infineon Technologies AG CYPAS212 Datasheet HTML 3Page - Infineon Technologies AG CYPAS212 Datasheet HTML 4Page - Infineon Technologies AG CYPAS212 Datasheet HTML 5Page - Infineon Technologies AG CYPAS212 Datasheet HTML 6Page - Infineon Technologies AG CYPAS212 Datasheet HTML 7Page - Infineon Technologies AG CYPAS212 Datasheet HTML 8Page - Infineon Technologies AG CYPAS212 Datasheet HTML 9Page - Infineon Technologies AG CYPAS212 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Datasheet
6
002-37370 Rev. *B
2023-10-10
EZ-PD™ PAG2S-AC integrated USB PD and secondary-side ACF
controller
Pinouts
Figure 2
32-pin QFN pin map
2.2
Pin description
2.2.1
SR_GDRV, SR_VSS, SR_SEN, SR_CPP, SR_CPN, SR_CAP
EZ-PD™ PAG2S-AC senses the voltage across the synchronous rectifier NFET and appropriately controls the gate
driver to achieve optimum efficiency. It supports both standard NFET and logic-level NFET. PAG2S-AC supports
synchronous rectification in CrCM, valley switching, discontinuous conduction mode (DCM), and continuous
conduction mode (CCM). The SR sense block supports negative sense detect and ZCD. For solution having
resonance frequency on SR_DRAIN > 4 MHz, peak-detect is sensed via the SR_CAP pin by coupling SR_DRAIN to
SR_CAP via a 10-pF capacitor. If resonance frequency < 4 MHz, SR_CAP in must be left floating.
The gate driver (SR_GDRV) can be driven to internal VDDD or twice the VDDD to achieve lower RDS(ON) of the
external NFET. The gate driver can be driven to twice the VDDD using an internal doubler circuit, with the doubler
capacitor connected across the SR_CPP and SR_CPN pins. The source terminal of the SR FET must be connected
to the SR_VSS pin. The voltage at the drain node of the external NFET is sensed via SR_SEN using a resistive
divider.
2.2.2
FB, EA_OUT, CC_COMP_GPIOx
PAG2S-AC integrates two error amplifier blocks which handle secondary-output sensing and regulation for both
constant voltage and constant current modes of operation. The error-amplifier output feeds into the internal
analog PWM block. The negative input of the error amplifier is the feedback (FB) pin and the positive input is an
internal voltage reference. Based on the desired VBUS output, the voltage at the FB pin will be changed using
internal current source/sink IDACs. An external compensation network is required between the FB and EA_OUT
pins, as shown in the application diagram (see Figure 1). Constant current operation makes use of an internal
LSCSA, the output of which feeds into an independent error amplifier as shown in functional block diagram.
Constant current mode regulation requires an external compensation network between CC_COMP_GPIOx and
EA_OUT as shown in Figure 1.
1
2
3
4
5
6
7
8
23
22
21
20
19
18
17
24
EPAD
VCCD
VDDD
VSS
VDDD_SR
SR_CPN
SR_CPP
VSS_SR
SR_GDRV
CSP
CSN
CC1
CC2
GPIO7
GPIO6
GPIO5
XRES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com