Electronic Components Datasheet Search
  English  ▼

X  

OPA392DBVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA392DBVT
Description  OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA392DBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA392DBVT Datasheet HTML 17Page - Texas Instruments OPA392DBVT Datasheet HTML 18Page - Texas Instruments OPA392DBVT Datasheet HTML 19Page - Texas Instruments OPA392DBVT Datasheet HTML 20Page - Texas Instruments OPA392DBVT Datasheet HTML 21Page - Texas Instruments OPA392DBVT Datasheet HTML 22Page - Texas Instruments OPA392DBVT Datasheet HTML 23Page - Texas Instruments OPA392DBVT Datasheet HTML 24Page - Texas Instruments OPA392DBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
To set the gain of the difference amplifier, the common-mode range and output swing of the OPA392 must be
considered. Equation 3 and Equation 4 depict the typical common-mode range and maximum output swing,
respectively, of the OPA392 given a 3.3
‑V supply.
–100 mV < VCM < 3.4 V
(3)
100 mV < VOUT < 3.2 V
(4)
The gain of the difference amplifier can now be calculated as shown in Equation 5:
Gain
=
Diff_Amp
V
V
= 15.5
V
V
R
(I
I
)
OUT_Max
OUT_Min
SHUNT
MAX
MIN
-
-
´
3.2 V
100 mV
100 m
-
W ´
- -
[1 A
( 1A)]
=
(5)
The resistor value selected for R1 and R3 is 1 kΩ. 15.4 kΩ is selected for R2 and R4 because this number is the
nearest standard value. Therefore, the calculated gain of the difference amplifier is 15.4 V/V.
The gain error of the circuit primarily depends on R1 through R4. As a result of this dependence, 0.1% resistors
are selected. This configuration reduces the likelihood that the design requires a two-point calibration. A simple
one-point calibration, if desired, removes the offset errors introduced by the 0.5% resistors.
8.2.3 Application Curve
1.65
-1.0
-0.5
0
0.5
1.0
0
3.30
Input Current (A)
Figure 8-2. Bidirectional Current-Sensing Circuit Performance: Output Voltage vs Input Current
www.ti.com
OPA392, OPA2392
SBOS926F – JANUARY 2021 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA392 OPA2392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com