Electronic Components Datasheet Search
  English  ▼

X  

OPA392DBVT Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # OPA392DBVT
Description  OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA392DBVT Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA392DBVT Datasheet HTML 20Page - Texas Instruments OPA392DBVT Datasheet HTML 21Page - Texas Instruments OPA392DBVT Datasheet HTML 22Page - Texas Instruments OPA392DBVT Datasheet HTML 23Page - Texas Instruments OPA392DBVT Datasheet HTML 24Page - Texas Instruments OPA392DBVT Datasheet HTML 25Page - Texas Instruments OPA392DBVT Datasheet HTML 26Page - Texas Instruments OPA392DBVT Datasheet HTML 27Page - Texas Instruments OPA392DBVT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
9.6 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
9.7 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
10 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (September 2023) to Revision F (December 2023)
Page
• Changed OPA392 YBJ (DSBGA, 6) package status from advanced information (preview with samples) to
production data (active) and added associated content..................................................................................... 1
• Changed OPA2392 D (SOIC, 8) package status from preview to production data (active) and added
associated content..............................................................................................................................................1
• Changed OPA2392 DGK (VSSOP, 8) package status from preview to advanced information (preview with
samples) and added associated content............................................................................................................ 1
Changes from Revision D (December 2022) to Revision E (September 2023)
Page
• Changed OPA392 in YBJ package (DSBGA, 6) status from preview to advanced information (preview with
samples) and added associated content............................................................................................................ 1
• Changed OPA2392 in D package (SOIC, 8) status from preview to advanced information (preview with
samples) and added associated content............................................................................................................ 1
• Added OPA2392 in DSG (WSON, 8) preview package and associated pin configuration................................. 1
• Changed ESD Ratings to bidirectional values....................................................................................................6
Changes from Revision C (July 2022) to Revision D (December 2022)
Page
• Changed OPA2392 in YBJ (DSBGA, 9) from advanced information (preview) to production data (active) and
added associated content...................................................................................................................................1
Changes from Revision B (October 2021) to Revision C (July 2022)
Page
• Changed OPA2392 device to advanced information (preview).......................................................................... 1
• Changed Figure 6-9 Y-axis scales for clarity.................................................................................................... 10
Changes from Revision A (August 2021) to Revision B (October 2021)
Page
• Added footnote to input bias current and input offset current room temperature specification.......................... 8
• Added Figures 6-4, 6-5, and 6-6, Offset Voltage vs Common-Mode Voltage ................................................. 10
• Changed Figure 6-9, Open-Loop Gain and Phase vs Frequency, to correct data .......................................... 10
• Changed Figure 6-10, Closed-Loop Gain and Phase vs Frequency, to correct data.......................................10
• Added Figure 6-14, Input Bias Current vs Temperature ..................................................................................10
• Changed Figure 6-23, THD+N Ratio vs Frequency to correct data................................................................. 10
Changes from Revision * (January 2021) to Revision A (August 2021)
Page
• Changed OPA392 device in DBV (SOT-23-5) package from advanced information (preview) to production
data (active)........................................................................................................................................................1
OPA392, OPA2392
SBOS926F – JANUARY 2021 – REVISED DECEMBER 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA392 OPA2392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com