Electronic Components Datasheet Search
  English  ▼

X  

OPA392DBVT Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # OPA392DBVT
Description  OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA392DBVT Datasheet(HTML) 35 Page - Texas Instruments

Back Button OPA392DBVT Datasheet HTML 28Page - Texas Instruments OPA392DBVT Datasheet HTML 29Page - Texas Instruments OPA392DBVT Datasheet HTML 30Page - Texas Instruments OPA392DBVT Datasheet HTML 31Page - Texas Instruments OPA392DBVT Datasheet HTML 32Page - Texas Instruments OPA392DBVT Datasheet HTML 33Page - Texas Instruments OPA392DBVT Datasheet HTML 34Page - Texas Instruments OPA392DBVT Datasheet HTML 35Page - Texas Instruments OPA392DBVT Datasheet HTML 36Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(0.4) TYP
(0.4) TYP
9X (
0.21)
(R0.05) TYP
4225688/A 02/2020
DSBGA - 0.35 mm max height
YBJ0009
DIE SIZE BALL GRID ARRAY
NOTES: (continued)
4. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release.
SYMM
SYMM
1
2
C
A
B
SOLDER PASTE EXAMPLE
BASED ON 0.1 mm THICK STENCIL
SCALE: 50X
METAL
TYP
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com