Electronic Components Datasheet Search
  English  ▼

X  

ADP2102 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP2102
Description  600mA 3MHz Synchronous Step-Down DC-DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2102 Datasheet(HTML) 6 Page - Analog Devices

  ADP2102 Datasheet HTML 1Page - Analog Devices ADP2102 Datasheet HTML 2Page - Analog Devices ADP2102 Datasheet HTML 3Page - Analog Devices ADP2102 Datasheet HTML 4Page - Analog Devices ADP2102 Datasheet HTML 5Page - Analog Devices ADP2102 Datasheet HTML 6Page - Analog Devices ADP2102 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ADP2102
Preliminary Technical Data
Rev. PrA| Page 6 of 7
or otherwise, the ADP2102 operates in frequency fold back by
increasing the OFF time enough to keep the output current
fixed. Therefore, during this fault condition the ADP2102 acts
as a constant current source at the current limit of 1A typical.
SOFT START
The ADP2102 has in internal soft start function that ramps the
output voltage in a controlled manner upon startup by limiting
the inrush current. This prevents possible input voltage drops
when a battery or a high impedance power source is connected
to the input of the converter.
ENABLE
The device starts operation with soft start when the EN pin is
brought high. Pulling the EN pin low forces the device into
shutdown, with a typical shutdown current of 0.1μa. In this
mode both the High Side and Low Side Power Switches are
turned off, the internal resistor feedback divider is disconnected
and the entire control circuitry is switched off. For proper
operation, the EN pin must be terminated and must not be left
floating.
UNDER VOLTAGE LOCK OUT
The under voltage lockout circuit prevents the device from
operating incorrectly at low input voltages. It prevents the
converter from turning on the main switch and the
synchronous switch under undefined conditions and therefore
preventing deep discharge of the battery supply
THERMAL SHUTDOWN
When the Junction Temperature, Tj, exceeds typically 150 °C,
the device goes into Thermal Shutdown. In this mode, the High
Side and Low Side Power Switches are turned off. The device
continues its operation when the junction temperature when
the junction temperature falls below typically 135 °C again.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com