Electronic Components Datasheet Search
  English  ▼

X  

ADP2102 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2102
Description  600mA 3MHz Synchronous Step-Down DC-DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2102 Datasheet(HTML) 1 Page - Analog Devices

  ADP2102 Datasheet HTML 1Page - Analog Devices ADP2102 Datasheet HTML 2Page - Analog Devices ADP2102 Datasheet HTML 3Page - Analog Devices ADP2102 Datasheet HTML 4Page - Analog Devices ADP2102 Datasheet HTML 5Page - Analog Devices ADP2102 Datasheet HTML 6Page - Analog Devices ADP2102 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
600mA 3MHz Synchronous
Step-Down DC-DC Converter
Preliminary Technical Data
ADP2102
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©200
7 Analog Devices, Inc. All rights reserved.
FEATURES
95% peak efficiency
Optimized for low output voltages
Optimized for extremely small ceramic inductors
Up to 600mA, load current
2.7 V to 5.5 V input voltage range
Operates with a Single Li-Ion battery
Fixed Output Voltage from 0.8V to 1.875V
Adjustable Output Voltage from 0.8V to 1.875V
Low 60μA quiescent current
Internal Synchronous rectifier
3 MHz Operating Frequency
0.1μA Shutdown Supply Current
Small 8-Lead 3 x3 LFCSP Package
Enable /shutdown logic input
Under Voltage Lockout
Internal Soft Start
Internal Compensation
APPLICATIONS
Wireless Handsets
Portable Media Players
PDA’s and Palmtop Computers
Digital Cameras
Smart Phones
GENERAL DESCRIPTION
The ADP2102 is a low quiescent current step-down DC-DC
converter optimized to regulate low output voltages in a
compact 3mmx3mm LFCSP package. At high load currents, the
ADP2102 uses a current mode, constant on time, pseudo fixed
frequency, valley current control scheme for excellent stability
and transient response with very few, small external
components. To ensure the longest battery life in portable
applications, the ADP2102 has a power saving mode that
reduces the switching frequency under light load conditions to
significantly reduce the quiescent current.
The ADP2102 runs from input voltages from 2.7V to 5.5V
allowing single Li+/Li- polymer cell, multiple Alkaline/Ni-MH
cells and other standard power sources. ADP2102 output
voltage is adjustable from 0.8V to 1.875V, while the suffix part
numbers ADP2102-XX indicate pre-set voltage ranges of 1.875,
1.8, 1.5, 1.375, 1.25, 1.2, 1.0 & 0.8V. All versions include an
internal power switch and a synchronous rectifier for high
efficiency while internal compensation guarantees minimal
number of external components. During logic-controlled
shutdown, the input is disconnected from the output and it
draws less than 0.1μA from the input source. Other key features
include under voltage lockout to prevent deep battery discharge
and soft start to prevent input current overshoot at startup.
TYPICAL PERFORMANCE CHARACTERITICS
ADP2102_Efficiency
Vout= 1.375V L =2.2uH Cin= Cout = 10uF
60
70
80
90
100
0
100
200
300
400
500
600
Load Current ( mA)
Vin= 2.7V
Vin=3.0V
Vin=3.6V
Vin=4.2V
Figure 1.
TYPICAL APPLICATION CIRCUIT
Figure 2.


Similar Part No. - ADP2102

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
ADP2102-1-EVALZ APEX-ADP2102-1-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
ADP2102-1.0-EVALZ APEX-ADP2102-1.0-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
ADP2102-1.25-EVALZ APEX-ADP2102-1.25-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
ADP2102-1.8-EVALZ APEX-ADP2102-1.8-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
ADP2102-1.875EVALZ APEX-ADP2102-1.875EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
More results

Similar Description - ADP2102

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501 Datasheet
382Kb / 11P
600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
Diodes Incorporated
AP3403 DIODES-AP3403 Datasheet
598Kb / 9P
600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
Rev 3
AP3405 DIODES-AP3405 Datasheet
574Kb / 9P
600mA Step-down DC/DC Converter with Synchronous Rectifier
Rev 1
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2304 DIODES-PAM2304 Datasheet
449Kb / 12P
3MHz, 1A STEP-DOWN DC-DC CONVERTER
Rev 2
logo
ACE Technology Co., LTD...
ACE7551U ACE-ACE7551U Datasheet
180Kb / 3P
600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com