Electronic Components Datasheet Search
  English  ▼

X  

PCD3351AP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCD3351AP
Description  8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3351AP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCD3351AP Datasheet HTML 7Page - NXP Semiconductors PCD3351AP Datasheet HTML 8Page - NXP Semiconductors PCD3351AP Datasheet HTML 9Page - NXP Semiconductors PCD3351AP Datasheet HTML 10Page - NXP Semiconductors PCD3351AP Datasheet HTML 11Page - NXP Semiconductors PCD3351AP Datasheet HTML 12Page - NXP Semiconductors PCD3351AP Datasheet HTML 13Page - NXP Semiconductors PCD3351AP Datasheet HTML 14Page - NXP Semiconductors PCD3351AP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
1999 Oct 28
11
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator
and 128 bytes EEPROM
PCA3351C; 52C; 53C;
PCD3351A; 52A; 53A
6.5
Modem frequencies
Again assuming an oscillator frequency fxtal = 3.58 MHz,
the standard modem frequencies can be implemented as
in Table 9. It is suggested to define the frequency by the
HGF register while the LGF register contains 00H,
disabling Low Group Frequency generation.
Table 9
Standard modem frequencies and their
implementation
Notes
1. Standard is V.21.
2. Standard is Bell 103.
3. Standard is Bell 202.
4. Standard is V.23.
6.6
Musical scale frequencies
Finally, two octaves of musical scale in steps of semitones
can be realized, again assuming an oscillator frequency
fxtal = 3.58 MHz (Table 10). It is suggested to define the
frequency by the HGF register while the LGF contains
00H, disabling Low Group Frequency generation
Table 10 Musical scale frequencies and their
implementation
Note
1. Standard scale based on A4 @ 440 Hz.
HGF
VALUE
(HEX)
FREQUENCY (Hz)
DEVIATION
MODEM
GENERATED
(%)
(Hz)
9D
980(1)
978.82
−0.12 −1.18
82
1180(1)
1179.03
−0.08 −0.97
8F
1070(2)
1073.33
0.31
3.33
79
1270(2)
1265.30
−0.37 −4.70
80
1200(3)
1197.17
−0.24 −2.83
45
2200(3)
2192.01
−0.36 −7.99
76
1300(4)
1296.94
−0.24 −3.06
48
2100(4)
2103.14
0.15
3.14
5C
1650(1)
1655.66
0.34
5.66
52
1850(1)
1852.77
0.15
2.77
4B
2025(2)
2021.20
−0.19 −3.80
44
2225(2)
2223.32
−0.08 −1.68
NOTE
HGF
VALUE
(HEX)
FREQUENCY (Hz)
STANDARD(1)
GENERATED
D#5
F8
622.3
622.5
E5
EA
659.3
659.5
F5
DD
698.5
697.9
F#5
D0
740.0
741.1
G5
C5
784.0
782.1
G#5
B9
830.6
832.3
A5
AF
880.0
879.3
A#5
A5
923.3
931.9
B5
9C
987.8
985.0
C6
93
1046.5
1044.5
C#6
8A
1108.7
1111.7
D6
82
1174.7
1179.0
D#6
7B
1244.5
1245.1
E6
74
1318.5
1318.9
F6
6D
1396.9
1402.1
F#6
67
1480.0
1482.2
G6
61
1568.0
1572.0
G#6
5C
1661.2
1655.7
A6
56
1760.0
1768.5
A#6
51
1864.7
1875.1
B6
4D
1975.5
1970.0
C7
48
2093.0
2103.3
C#7
44
2217.5
2223.3
D7
40
2349.3
2358.1
D#7
3D
2489.0
2470.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com