Electronic Components Datasheet Search
  English  ▼

X  

PCD3351AP Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCD3351AP
Description  8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3351AP Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCD3351AP Datasheet HTML 8Page - NXP Semiconductors PCD3351AP Datasheet HTML 9Page - NXP Semiconductors PCD3351AP Datasheet HTML 10Page - NXP Semiconductors PCD3351AP Datasheet HTML 11Page - NXP Semiconductors PCD3351AP Datasheet HTML 12Page - NXP Semiconductors PCD3351AP Datasheet HTML 13Page - NXP Semiconductors PCD3351AP Datasheet HTML 14Page - NXP Semiconductors PCD3351AP Datasheet HTML 15Page - NXP Semiconductors PCD3351AP Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
1999 Oct 28
12
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator
and 128 bytes EEPROM
PCA3351C; 52C; 53C;
PCD3351A; 52A; 53A
7
EEPROM AND TIMER 2 ORGANIZATION
The PCD335xA and PCA335xC have 128 bytes of
Electrically Erasable Programmable Read-Only Memory
(EEPROM). Such non-volatile storage provides data
retention without the need for battery backup. In telecom
applications, the EEPROM is used for storing redial
numbers and for short dialling of frequently used numbers.
More generally, EEPROM may be used for customizing
microcontrollers, such as to include a PIN code or a
country code, to define trimming parameters, to select
application features from the range stored in ROM.
The most significant difference between a RAM and an
EEPROM is that a bit in EEPROM, once written to a
logic 1, cannot be cleared by a subsequent write
operation. Successive write accesses actually perform a
logical OR with the previously stored information.
Therefore, to clear a bit, the whole byte must be erased
and re-written with the particular bit cleared. Thus, an
erase-and-write operation is the EEPROM equivalent of a
RAM write operation
Whereas read access times to an EEPROM are
comparable to RAM access times, write and erase access
times are much slower at 5 ms each. To make these
operations more efficient, several provisions are available
in the PCD335xA and PCA335xC.
First, the EEPROM array is structured into 32 four-byte
pages (see Fig.5) permitting access to 4 bytes in parallel
(write page, erase/write page and erase page). It is also
possible to erase and write individual bytes. Finally, the
EEPROM address register provides auto-incrementing,
allowing very efficient read and write accesses to
sequential bytes.
To simplify the erase and write timing, the derivative 8-bit
down-counter (Timer 2) with reload register is provided.
In addition to EEPROM timing, Timer 2 can be used for
general real-time tasks, such as for measuring signal
duration and for defining pulse widths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com