Electronic Components Datasheet Search
  English  ▼

X  

PCD3351AP Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCD3351AP
Description  8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3351AP Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCD3351AP Datasheet HTML 19Page - NXP Semiconductors PCD3351AP Datasheet HTML 20Page - NXP Semiconductors PCD3351AP Datasheet HTML 21Page - NXP Semiconductors PCD3351AP Datasheet HTML 22Page - NXP Semiconductors PCD3351AP Datasheet HTML 23Page - NXP Semiconductors PCD3351AP Datasheet HTML 24Page - NXP Semiconductors PCD3351AP Datasheet HTML 25Page - NXP Semiconductors PCD3351AP Datasheet HTML 26Page - NXP Semiconductors PCD3351AP Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
1999 Oct 28
23
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator
and 128 bytes EEPROM
PCA3351C; 52C; 53C;
PCD3351A; 52A; 53A
Notes
1. TONE output, EEPROM erase and write require VDD ≥ 2.5 V.
2. VIL =VSS; VIH =VDD; open-drain outputs connected to VSS; all other outputs open; value HGF = LGF = 0, unless
otherwise specified.
a) Maximum values: external clock at XTAL1 and XTAL2 open-circuit.
b) Typical values: Tamb =25 °C; crystal connected between XTAL1 and XTAL2.
3. VIL =VSS; VIH =VDD; RESET, T1 and CE/T0 at VSS; crystal connected between XTAL1 and XTAL2; pins T1 and
CE/T0 at VSS.
4. Values are specified for DTMF frequencies only (CEPT).
5. Related to the Low Group Frequency (LGF) component (CEPT).
6. After final testing the value of each EEPROM bit is a logic 1, but this cannot be guaranteed after board assembly.
7. Verified on sampling basis.
8. Each device is tested on the condition: VDD(min) <VPOR; to ensure a correct start-up, even for slow rising supply
voltages.
EEPROM (notes 1 and 6)
CYt/w
endurance (erase/write
cycles)
note 7
105
−−
tret
data retention time
10
−−
years
Power-on-reset (see Fig.16)
VPOR
Power-on-reset level
PCD335xA
configuration as PCD3755A
0.8
1.3
1.8
V
PCD335xA
configuration as PCD3755E
1.5
2.0
2.5
V
PCA335xC
configuration as PCD3755E
1.7(8)
2.0
2.3
V
Oscillator (see Fig.17)
gm
transconductance
VDD = 5 V
0.2
0.4
1.0
mS
RF
feedback resistor
0.3
1.0
3.0
M
Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com