Electronic Components Datasheet Search
  English  ▼

X  

AD9937KCPRL Datasheet(PDF) 23 Page - Analog Devices

Part # AD9937KCPRL
Description  CCD Signal Processor with Precision Timing??Generator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9937KCPRL Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9937KCPRL Datasheet HTML 19Page - Analog Devices AD9937KCPRL Datasheet HTML 20Page - Analog Devices AD9937KCPRL Datasheet HTML 21Page - Analog Devices AD9937KCPRL Datasheet HTML 22Page - Analog Devices AD9937KCPRL Datasheet HTML 23Page - Analog Devices AD9937KCPRL Datasheet HTML 24Page - Analog Devices AD9937KCPRL Datasheet HTML 25Page - Analog Devices AD9937KCPRL Datasheet HTML 26Page - Analog Devices AD9937KCPRL Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
REV. 0
AD9937
–23–
Table VIII. RS, H1, SHP, SHD, and DOUTPHASE Timing Parameters
Bit Width
Register Name
*
(Bits)
Register Type
Range
Description
RSPOSLOC
6
Control (Addr 0x06)
0–47 Edge Location
Falling Edge Location for RS
RSNEGLOC
6
Control (Addr 0x06)
0–47 Edge Location
Falling Edge Location for RS
H1POSLOC
6
Control (Addr 0x06)
0–47 Edge Location
Positive Edge Location for H1
H1NEGLOC
6
Control (Addr 0x06)
0–47 Edge Location
Negative Edge Location for H1
SHPLOC
6
Control (Addr 0x05)
0–47 Edge Location
Sample Location for SHP
SHDLOC
6
Control (Addr 0x05)
0–47 Edge Location
Sample Location for SHD
DOUTPHASE
6
Control (Addr 0x05)
0–47 Edge Location
Phase Location of Data Output [9:0]
*The 2 MSB bits are used to select the quadrant.
Table IX. Precision Timing Edge Locations for RS, H1, SHP, SHD, and DOUTPHASE
Quadrant
RS Rising Edge
RS Falling Edge
Signal Name
(Range)
RSPOSLOC
RSNEGLOC
RS
I
P[0] to P[11]
000000 to 001011
000000 to 001011
II
P[12] to P[23]
010000 to 011011
010000 to 011011
III
P[24] to P[35]
100000 to 101011
100000 to 101011
IV
P[36] to P[47]
110000 to 111011
110000 to 111011
Quadrant
H1 Rising Edge
H1 Falling Edge
Signal Name
(Range)
H1POSLOC
H1NEGLOC
H1
I
P[0] to P[11]
000000 to 001011
000000 to 001011
II
P[12] to P[23]
010000 to 011011
010000 to 011011
III
P[24] to P[35]
100000 to 101011
100000 to 101011
IV
P[36] to P[47]
110000 to 111011
110000 to 111011
Quadrant
CDS (SHP) Rising Edge
CDS (SHD) Falling Edge
Signal Name
(Range)
SHPLOC
SHDLOC
CDS (Internal)
I
P[0] to P[11]
000000 to 001011
000000 to 001011
II
P[12] to P[23]
010000 to 011011
010000 to 011011
III
P[24] to P[35]
100000 to 101011
100000 to 101011
IV
P[36] to P[47]
110000 to 111011
110000 to 111011
Quadrant
DOUT Rising Edge
DOUT Falling Edge
Signal Name
(Range)
DOUTPHASE
(Not Programmable)
Data Output[9:0]
I
P[0] to P[11]
000000 to 001011
DOUTPHASE + 24 Steps
II
P[12] to P[23]
010000 to 011011
DOUTPHASE + 24 Steps
III
P[24] to P[35]
100000 to 101011
DOUTPHASE + 24 Steps
IV
P[36] to P[47]
110000 to 111011
DOUTPHASE + 24 Steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com