Electronic Components Datasheet Search
  English  ▼

X  

AXP193 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AXP193
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AXP193 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AXP193 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP193 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP193 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP193 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP193 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP193 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP193 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP193 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP193 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 21/51
Enhanced single Cell Li-Battery and Power System Management IC
AXP193
ITRKL
VTRKL
ICHRG
VTRGT
两个标志电压
VTRGT,充电目标电压。VTRGT 可由寄存器设置,默认为 4.2V(参见“寄存器 REG33H[6:5]”)。同时,
在外部电源电压较低时,
AXP193 会自动调节充电目标电压。
VRCH,自动再充电电压。VRCH=VTRGT-0.1V。
充电电流
充电电流可以通过寄存器
REG33H[3:0]设置,默认值为 450mA 或者 780mA。
充电流程
如果电池电压低于
3.0V,充电器自动进入预充电模式,充电电流为预设值的 1/10。如果 40 分钟内(这
个时间可调整,参见“寄存器
REG34H”),电池电压仍不能达到 3.0V,充电器自动进入电池激活模式。
具体细节参见“电池激活模式”。
电池电压一旦高过
3.0V,充电器开始进入恒流模式。如果充电电流小于预设值的 65%时,系统发出
IRQ17 以此通知“外部电源驱动能力不足,此时充电电流没有达到设定值,从而会延长充电时间,若想
更快充满电,建议更换更强电源或关掉耗电大的功能”。
当电池电压达到目标电压
VTRGT 后,充电器从恒流模式进入恒压模式,充电电流减小。
当充电电流低于预设值的
10%或 15%时(可设,参见“寄存器 REG33H”),充电周期结束,充电停
止,充电结束时,
AXP193 会发出 IRQ18,CHGLED 管脚停止指示充电状态。当电池电压重新低于 VRCH
时,会自动开始再充电,同时发出
IRQ17。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com