Electronic Components Datasheet Search
  English  ▼

X  

AXP193 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # AXP193
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AXP193 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button AXP193 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP193 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP193 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP193 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP193 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP193 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP193 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP193 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP193 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 40/51
Enhanced single Cell Li-Battery and Power System Management IC
AXP193
REG 82H:ADC 使能 1
默认值
:83H
Bit
描述
R/W
默认值
7
电池电压
ADC 使能
RW
1
6
电池电流
ADC 使能
RW
0
5
ACIN 电压 ADC 使能
RW
0
4
ACIN 电流 ADC 使能
RW
0
3
VBUS 电压 ADC 使能
RW
0
2
VBUS 电流 ADC 使能
RW
0
1
APS 电压 ADC 使能
RW
1
0
TS 管脚 ADC 功能使能
0:关闭, 1:打开
RW
1
REG 83H:ADC 使能 2
默认值
:80H
Bit
描述
R/W
默认值
7
AXP193 内部温度监测 ADC 使能
0:关闭, 1:打开
RW
1
6-4
保留,不可更改
3
GPIO0 ADC 功能使能
RW
0
2
GPIO1 ADC 功能使能
RW
0
1
GPIO2 ADC 功能使能
RW
0
0
GPIO[3] ADC 功能使能
0:关闭, 1:打开
RW
0
REG 84H:ADC 采样速率设置,TS 管脚控制
默认值
:32H
Bit
描述
R/W
默认值
7
ADC 采样速率设置 Bit 1
RW
0
6
ADC 采样速率设置 Bit 0
25×2n
采样率分别为
25, 50, 100, 200Hz
RW
0
5-4
TS 管脚输出电流设置:
00:20uA; 01:40uA; 10:60uA; 11:80uA
RW
11
3
保留,不可更改
2
TS 管脚功能选择
0:电池温度监测功能,1:外部独立的 ADC 输入通路
RW
0
RW
1
1-0
TS 管脚电流输出方式设置
00:关闭
01:充电时输出电流
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com