Electronic Components Datasheet Search
  English  ▼

X  

AXP193 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AXP193
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AXP193 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AXP193 Datasheet HTML 9Page - List of Unclassifed Manufacturers AXP193 Datasheet HTML 10Page - List of Unclassifed Manufacturers AXP193 Datasheet HTML 11Page - List of Unclassifed Manufacturers AXP193 Datasheet HTML 12Page - List of Unclassifed Manufacturers AXP193 Datasheet HTML 13Page - List of Unclassifed Manufacturers AXP193 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXP193 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXP193 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP193 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 13/51
Enhanced single Cell Li-Battery and Power System Management IC
AXP193
7.管脚定义(Pin Description)
Num
Name
Type
Condition
Function Description
1
SDA
IO
Data pin for serial interface,normally it connect a 2.2K
resistor to 3.3V I/O power
2
SCK
I
it is the Clock pin for serial interface,normally it connect a
2.2K resistor to 3.3V I/O power
LDO1 Reset output
3
N_RSTO
IO
REG9EH[7]
GPIO[5]
4
N_OE
I
Power output on/off switch
GND:on; IPSOUT:off
SYSEN=LDO1
Power good indication
5
PWROK/
N_LBO
O
Low power detect output
6
N_VBUSEN
I
VBUS to IPSOUT Selection
GND:IPSOUT select VBUS
High:IPSOUT do not select VBUS
7
VIN2
PI
DCDC2 input source
8
LX2
IO
Inductor Pin for DCDC2
9
PGND2
G
NMOS Ground for DCDC2
10
DCDC2
I
DC-DC2 feedback pin
11
LDO3
O
Output Pin of LDO3
12
LDO2
O
Output Pin of LDO2
13
LDOIN
PI
Input to LDO2 and LDO3
14
VIN3
PI
DCDC3 input source
15
LX3
IO
Inductor Pin for DCDC3
16
PGND3
G
NMOS GND for DCDC3
17
DCDC3
I
Feed back to DCDC3
GPIO 2
PWM 2
18
GPIO1
IO
REG
93H[2:0]
ADC Input
GPIO 0
Low noise LDO
19
GPIO0
IO
REG
90H[2:0]
ADC Input
GPIO 1
PWM 1
20
GPIO2
IO
REG
92H[2:0]
ADC Input
21
APS
PI
Internal Power Input
22
AGND
G
Analog Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com