Electronic Components Datasheet Search
  English  ▼

X  

DF6115 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DF6115
Description  Backlight LED driver chip DF6115
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DF6115 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DF6115 Datasheet HTML 1Page - List of Unclassifed Manufacturers DF6115 Datasheet HTML 2Page - List of Unclassifed Manufacturers DF6115 Datasheet HTML 3Page - List of Unclassifed Manufacturers DF6115 Datasheet HTML 4Page - List of Unclassifed Manufacturers DF6115 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
典型应用图
12-24V 输入 80V输出 300mA灯电流 无短路保护
LED-
LED-
LED+
LED+
CMP
1
OVP
2
ENA
3
VIN
4
GND
5
FZ
6
DRA
7
FB
8
U1
DF6115
C4
104
C3
104
1
2
3
4
5
6
CN1
H1
VCC
ENA
ADJ
GND
G
1
MOS1
IR120N
R3
180K
R4
2K
L1
47uH
D2
SS210
R7
2R/1206
R6
100R/0805
R1
20K
R5
270K/0603
LED-
C6
22uF/100V
C5
10UF
C2
220u/35V
C1
10UF
F1
2.5A
LED+
R2
*
1
2
3
4
CN3
Header 4
1
2
3
4
CN2
Header 4
D1
(10V~12V)
DF611
5
深圳市国顺威电子有限公司
www.guoshunwei.com 0755-29786700 29786200 82792272
地址:深圳市宝安区宝安大道2125-1号广安大厦六楼613



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com