Electronic Components Datasheet Search
  English  ▼

X  

DF6115 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DF6115
Description  Backlight LED driver chip DF6115
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DF6115 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DF6115 Datasheet HTML 1Page - List of Unclassifed Manufacturers DF6115 Datasheet HTML 2Page - List of Unclassifed Manufacturers DF6115 Datasheet HTML 3Page - List of Unclassifed Manufacturers DF6115 Datasheet HTML 4Page - List of Unclassifed Manufacturers DF6115 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DF611
5
1
背光 LED 驱动芯片 DF6115
简介
DF6115 是一款应用简洁的背光 LED 电源控制 IC。它使用 9~24V 的 DC 电源,将其升压
至适当的输出电压值,并精确控制
LED 灯串电流。特别适用于不同功率的液晶屏背光场合。
采用线性调光模式,总灯串的工作电流由调光输入电压和限流电阻两种决定,可在
10%~100%满电流范围内稳定地调节。芯片内置输出电压 OVP 保护及开路短路保护。
技术特点
DC 输入电压范围:9V----24V
LED 灯串总电流控制
10%~100%灯电流调节
内置电源管理电路,软起动
自带升压输出的短路及断路保护
升压输出的
OVP 保护
管腿信息
(DF6115) SOP8
PIN
名
称
功
能
描
述
1
CMP
升压软起动电容及系统换路频率补偿
2
OVP
升压后的过压保护检测端
3
ENA
使能
1-5v
4
VCC
DC 电源输入 9~24V
5
GND
地
6
FZ
工作频率调节(可以悬空,下拉电阻到地则工作频率下降)
7
GATE
驱动升压
MOS 的 GATE(内置 8 欧输出电阻及 8k 下拉电阻)
8
FB
采样
LED 灯电流
订购信息
器件型号
封装形式
工作温度
其
他
DF6115
SOP8
-20℃~+85℃
符合
RoHS
极限工作条件
输入电压
VIN
20V
结
温
Tj
150℃
功
耗
Pd
1.0W
工 作 频 率
600KHz
存储温度
-55℃~+150℃
推荐工作条件
输入电压
VIN
9~24V
开关电压
ENA
0~5V
工作频率
100K~300KHz
工作温度
-20℃~+85℃
深圳市国顺威电子有限公司
www.guoshunwei.com 0755-29786700 29786200 82792272
地址:深圳市宝安区宝安大道2125-1号广安大厦六楼613


Similar Part No. - DF6115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF6113 ETC2-DF6113 Datasheet
1Mb / 7P
LED Backlight Driver
More results

Similar Description - DF6115

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5008 ONSEMI-NCP5008 Datasheet
119Kb / 20P
Backlight LED Boost Driver
August, 2003 ??Rev. 4
NCP5008 ONSEMI-NCP5008_06 Datasheet
160Kb / 17P
Backlight LED Boost Driver
April, 2006 ??Rev. 7
logo
National Semiconductor ...
LP5520 NSC-LP5520 Datasheet
1,022Kb / 34P
RGB Backlight LED Driver
logo
NXP Semiconductors
UBA3070 NXP-UBA3070 Datasheet
78Kb / 13P
LED backlight driver IC
Rev. 02-2 December 2008
logo
ON Semiconductor
NCS29001 ONSEMI-NCS29001 Datasheet
208Kb / 16P
LED Backlight Driver
October, 2013 ??Rev. 1
logo
Maxim Integrated Produc...
MAX20070 MAXIM-MAX20070 Datasheet
1Mb / 34P
LED Backlight Driver
Rev 0; 9/14
logo
Holtek Semiconductor In...
HT7963 HOLTEK-HT7963 Datasheet
2Mb / 11P
LED Backlight Driver
logo
Newhaven Display Intern...
NHD-5.7B-LED NEWHAVEN-NHD-5.7B-LED Datasheet
195Kb / 3P
LED Backlight Driver
NHD-5.7F-LED NEWHAVEN-NHD-5.7F-LED Datasheet
339Kb / 3P
LED Backlight Driver
logo
List of Unclassifed Man...
DF6113 ETC2-DF6113 Datasheet
1Mb / 7P
LED Backlight Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com