Electronic Components Datasheet Search
  English  ▼

X  

DCM Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DCM
Description  Pressure switches and pressure monitors for overpressure
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DCM Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DCM Datasheet HTML 2Page - List of Unclassifed Manufacturers DCM Datasheet HTML 3Page - List of Unclassifed Manufacturers DCM Datasheet HTML 4Page - List of Unclassifed Manufacturers DCM Datasheet HTML 5Page - List of Unclassifed Manufacturers DCM Datasheet HTML 6Page - List of Unclassifed Manufacturers DCM Datasheet HTML 7Page - List of Unclassifed Manufacturers DCM Datasheet HTML 8Page - List of Unclassifed Manufacturers DCM Datasheet HTML 9Page - List of Unclassifed Manufacturers DCM Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
23
Mechanical pressure switches
Principal technical data
Principal technical data
Valid for all pressure switches of the DCM, DNM, DWAM, DWAMV, SDBAM, VCM, VNM, DNM, DWR, DGM,
DNS and DDCM series that have a microswitch. The technical data of type-tested units may differ slightly
(please refer to particular type sheet).
Standard version
Plug connection
Terminal connection
…200
…300
Switch housing
Pressure connection
Switching function and
connection scheme
(applies only to version
with microswitch)
Switching capacity
(for microswitches with
a silver contact)
Mounting position
Protection class
(in vertical position)
Electrical connection
Cabel entry
Ambient temperature
Switching point
Hysteresis
Medium temperature
Relative humidity
Vacuum
Repetition accuracy
of switching points
Vibration resistance
Mechanical durability
(pressure sensor)
Electronical durability
(microswitch)
Isolation values
Oil and grease-free
Diecast aluminium GDAISi 12
G 1/2" external thread (pressure gauge
connection) and G 1/4" internal thread.
1/4" internal thread for DDCM differential
pressure switches
Floating changeover contact.
With rising pressure
single pole switching
from 3–1 to 3–2.
8 A at 250 VAC
5 A at 250 VAC inductive
8 A at 24 VDC
0.3 A at 250 VDC
min. 10 mA, 12 VDC
Preferably vertical (see technical data sheet)
IP 54
Plug connection
Pg 11
–25 to +70 °C (exceptions:
DWAM, DWAMV, SDBAM series –20 to +70 °C
DGM and FD series: –25 to +60 °C
DCM4016, 4025, 1000,
VCM4156: –15 to +60 °C)
Adjustable using the setting spindle (for 300 device:
after removing switch housing cover)
Adjustable or not adjustable
(see Product Summary)
Max. 70 °C, briefly 85 °C
15 to 95 % (non-condensing)
Diecast aluminium GDAISi 12
G 1/2" external thread (pressure gauge
connection) and G 1/4" internal thread.
1/4" internal thread for DDCM differential
pressure switches
Floating changeover contact.
With rising pressure
single pole switching
from 3–1 to 3–2
3 A at 250 VAC
2 A at 250 VAC inductive
3 A at 24 VDC
0.1 A at 250 VDC
min. 2 mA, 24 VDC
Vertical
IP 65
Terminal connection
M 16 x 1.5
–25 to +70 °C (exceptions:
DWAM, DWAMV, SDBAM series –20 to +70 °C
DGM and FD series: –25 to +60 °C
DCM4016, 4025, 1000,
VCM4156: –15 to +60 °C)
Adjustable using the setting spindle once the
switch housing cover is removed
Adjustable or not adjustable
(see Product Summary)
Max. 70 °C, briefly 85 °C
15 to 95 % (non-condensing)
Higher medium temperatures are possible provided the above limits for the switching device are
ensured by suitable measures (e.g. siphon). All pressure switches can operate under vacuum.
This will not damage the device (exception DCM1000).
< 1 % of the working range (for pressure ranges > 1 bar).
No significant deviations up to 4 g.
With sinusoidal pressure application and room temperature, 10 x 106 switching cycles. The expected life
depends to a very large extent on the type of pressure application, therefore this figure can serve only as
a rough estimate. With pulsating pressure or pressure impacts in hydraulic systems, pressure surge
reduction is recommended.
100.000 switching cycles at nominal current 8 A, 250 VAC.
A reduced contact load increases the number of possible switching cycles.
Overvoltage category III, contamination class 3, reference surge voltage 4000 V.
Conformity to DIN VDE 0110 is confirmed.
The parts of all pressure switches in contact with the medium are oil and grease-free
(except the HCD…and DPS…series). The sensors are hermetically sealed and contain no seals
(also see ZF1979, special packing).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com