Electronic Components Datasheet Search
  English  ▼

X  

DCM Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # DCM
Description  Pressure switches and pressure monitors for overpressure
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DCM Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button DCM Datasheet HTML 8Page - List of Unclassifed Manufacturers DCM Datasheet HTML 9Page - List of Unclassifed Manufacturers DCM Datasheet HTML 10Page - List of Unclassifed Manufacturers DCM Datasheet HTML 11Page - List of Unclassifed Manufacturers DCM Datasheet HTML 12Page - List of Unclassifed Manufacturers DCM Datasheet HTML 13Page - List of Unclassifed Manufacturers DCM Datasheet HTML 14Page - List of Unclassifed Manufacturers DCM Datasheet HTML 15Page - List of Unclassifed Manufacturers DCM Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
29
Mechanical pressure switches
Explanation of type designations – type codes
Explanation of type designations –
type codes
The type designations of FEMA pressure switches consist of a combination of letters followed by a
number denoting the setting range. Additional functions and version variants are indicated by an extra
code which is separated from the basic type by a hyphen. Ex versions (explosion protection Ex-d)
are identified by the prefix "Ex" in front of the type designation.
Basic version
With additional function
Ex version
(based on the example of DCM series)
DCMXXX
DCMXXX-YYY
Ex-DCMXXX
DCM
Series code (e. g. DCM)
XXX
Codes for pressure range
YYY
Code for additional function
Ex
Code for Ex-version
Which additional function fits with which pressure switch?
Plug connection, 200 series
Additional function ZF
Terminal connection, 300/500 series
Additional function ZF
203
213
217
301
307
513
574
575
351
576
577
DCM/VCM
•1
•
•1
•
•1
•
VNM/DNS/VNS
•
•
•
•
•
•
DWAM
•
•
•
•
•
DDCM
•
•
•
DWR
•
•
•
•
•
•
DGM
•
•
•
•
•
• available
1
except DCM4016, DCM4025, VCM4156 and DCM1000
Combination of several additional functions not possible!
Ex versions (Ex-d) can only be supplied in basic form.
Additional functions are not possible.
DCMXXX
Basic version with plug connection housing
DCMXXX-2...
Basic version with plug connection housing
DCMXXX-3...
Terminal connection housing (300)
Ex-DCMXXX
Ex-d switching device (700)
DCMXXX-5...
Ex-ia version (500)
Switch housing version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com