Electronic Components Datasheet Search
  English  ▼

X  

DCM Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # DCM
Description  Pressure switches and pressure monitors for overpressure
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DCM Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button DCM Datasheet HTML 11Page - List of Unclassifed Manufacturers DCM Datasheet HTML 12Page - List of Unclassifed Manufacturers DCM Datasheet HTML 13Page - List of Unclassifed Manufacturers DCM Datasheet HTML 14Page - List of Unclassifed Manufacturers DCM Datasheet HTML 15Page - List of Unclassifed Manufacturers DCM Datasheet HTML 16Page - List of Unclassifed Manufacturers DCM Datasheet HTML 17Page - List of Unclassifed Manufacturers DCM Datasheet HTML 18Page - List of Unclassifed Manufacturers DCM Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
32
Mechanical pressure switches
Additonal functions/Connecting schemes
Pressure switches and pressure monitors
Additional functions for Ex-i-equipment
· Housing (500) with terminal connection (IP 65), "blue" cable entry and terminals.
· Also available with resistor combination for line break and short-circuit monitoring (with isolating amplifier).
Important:
All pressure switches with the ZF5… additional functions listed here can only be operated in combination with
a suitable isolating amplifier.
Additional information:
Our pressure switches and thermostats are considered to be "simple electrical equipment" within the meaning
of standard EN60079-11: 2007. Testing is not mandatory for this type of equipment.
ATEX-Certificate: please see page 10 – 13
!
i
Additional functions for Ex-ia-equipment
Connection scheme
Gold-plated contact
ZF513
single pole switching, fixed hysteresis,
not adjustable
Switching capacity:
max. 24 VDC, 100 mA, min. 5 VDC, 2 mA
For the power supply circuit:
Ui 24 V DC
Ii
100 mA
Ci 1 nF
Li
100 µH
Versions with resistor combination for line break and short-circuit monitoring in control current circuit, see DBS series,
pages 54 – 56:
For the power supply circuit:
Ui 14 V DC
Ri 1500 Ohm
Ci 1 nF
Li
100 µH
Normally closed contact with resistor
ZF574
combination, for
minimum pressure
monitoring, gold-plated contact,
plastic-coated housing (chemical version).
Normally closed contact
with reclosing
ZF575
lockout and resistor combination,
for
minimum pressure monitoring,
plastic-coated housing (chemical version).
Normally closed contact with resistor
ZF576
combination, for
maximum pressure
monitoring, gold-plated contact,
plastic-coated housing (chemical version).
Normally closed contact
with reclosing
ZF577
lockout and resistor combination,
for
maximum pressure monitoring,
plastic-coated housing (chemical version).
see
DBS series
pages 54 – 56
II 1/2G Ex ia IIC T6 Ga/Gb
II 1/2D Ex ia IIIC T80 °C
DWAM6-576
i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com